Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHC367FN Datasheet (PDF) - Toshiba Semiconductor

TC74VHC367FN Datasheet PDF - Toshiba Semiconductor
Part # TC74VHC367FN
Download  TC74VHC367FN Download
File Size   326.13 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HEX BUS BUFFER

TC74VHC367FN Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHC367FN Datasheet PDF - Toshiba Semiconductor

Part # TC74VHC367FN
Download  TC74VHC367FN Click to download

File Size   326.13 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HEX BUS BUFFER

TC74VHC367FN Datasheet (HTML) - Toshiba Semiconductor


TC74VHC367FN Product details

The TC74VHC367 and 368 are advanced high speed CMOS
HEX BUS BUFFERs fabricated with silicon gate CMOS
technology.
They achieve the high speed operation similar to equivalent.
Bipolar Schottky TTL while maintaining the CMOS low
power dissipation.
They contain six buffers; four buffers are controlled by an
enable input (G1), and the other two buffers are controlled by
another enable input (G2). The outputs of each buffer group
are enabled when G1 and/or G2 inputs are held low; if held
high, these outputs are in a high impedance state.
The TC74VHC367 is a non-inverting output type, while the
TC74VHC368 is an inverting output typc.
An input protection circuit ensures that 0 to 7V can be
applied to the input pins without regard to the supply
voltage. This device can be used to interface 5V to 3V
systems and two supply systems such as battery back up.
This circuit prevents device destruction due to mismatched
supply and input voltages.

FEATURES:
High Speed
Low Power Dissipation-
.
High Noise Immunity
• Power Down Protection is provided on all inputs.
Balanced Propagation Delays...tpLH=tpHL
Wide Operating Voltage Range Vcc (opr) = 2V-5.5V
• Low Noise
VOLP=0.8V (Max.)
Pin and Function Compatible with 74ALS367/368
.
tod=3.8ns(typ.) at Vcc=5V
Icc=4A(Max.) at Ta = 25°C
•VNIH =VNIL = 28% Vcc (Min.)
.




Similar Part No. - TC74VHC367FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC367FN TOSHIBA-TC74VHC367FN Datasheet
248Kb / 7P
HEX BUS BUFFER NON-INVERTED/INVERTED, 3-STATE OUTPUTS
TC74VHC367FN TOSHIBA-TC74VHC367FN Datasheet
268Kb / 11P
Hex Bus Buffer
More results


Similar Description - TC74VHC367FN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS365A FAIRCHILD-DM74LS365A Datasheet
47Kb / 4P
Hex 3-STATE Buffer/Bus Driver
DM74LS367A FAIRCHILD-DM74LS367A Datasheet
47Kb / 4P
Hex 3-STATE Buffer/Bus Driver
logo
Toshiba Semiconductor
TC74HC367AP TOSHIBA-TC74HC367AP Datasheet
268Kb / 7P
HEX BUS BUFFER
TC74HC365AF TOSHIBA-TC74HC365AF Datasheet
255Kb / 6P
HEX BUS BUFFER
TC74HC365AP TOSHIBA-TC74HC365AP_07 Datasheet
251Kb / 7P
Hex Bus Buffer
TC74HC367AP TOSHIBA-TC74HC367AP_07 Datasheet
296Kb / 9P
Hex Bus Buffer
TC7MH367FK TOSHIBA-TC7MH367FK_07 Datasheet
193Kb / 8P
HEX Bus Buffer
TC74VHC367F TOSHIBA-TC74VHC367F_07 Datasheet
268Kb / 11P
Hex Bus Buffer
TC74VHCT367AF TOSHIBA-TC74VHCT367AF_07 Datasheet
224Kb / 8P
Hex Bus Buffer
TC74VHC367F TOSHIBA-TC74VHC367F_12 Datasheet
227Kb / 10P
Hex Bus Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com