Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHC74FS Datasheet (PDF) - Toshiba Semiconductor

TC74VHC74FS Datasheet PDF - Toshiba Semiconductor
Part # TC74VHC74FS
Download  TC74VHC74FS Download
File Size   291.82 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR

TC74VHC74FS Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHC74FS Datasheet PDF - Toshiba Semiconductor

Part # TC74VHC74FS
Download  TC74VHC74FS Click to download

File Size   291.82 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR

TC74VHC74FS Datasheet (HTML) - Toshiba Semiconductor


TC74VHC74FS Product details

The TC74VHC74 is an advanced high speed CMOS D - FLIP
FLOP fabricated with silicon gate CEMOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low
power dissipation.
The signal level applied to the D INPUT is transferred to Q
OUTPUT during the positive going transition of the CK
pulse.
CLR and PR are independent of the CK and are
accomplished by setting the appropriate input low.
An input protection circuit ensures that 0 to 7V can be
applied to the input pins without regard to the supply
voltage. This device can be used to interface 5V to 3V
systems and two supply systems such as battery back up.
This circuit prevents device destruction due to mismatched
supply and input voltages.

FEATURES:
• High Speed...
fMAX=170MHz(typ.)
• Low Power Dissipation
at Vcc=5V
Icc=2/A(Max.) at Ta = 25°C
VNIH VNIL = 28% Vcc (Min.)
• Power Down Protection is provided on all inputs.
• High Noise Immunity
Balanced Propagation Delays tpLH=tpHL
• Wide Operating Voltage Range: Vcc (opr) = 2V~5.5V
• Pin and Function Compatible with 74ALS74




Similar Part No. - TC74VHC74FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC74F TOSHIBA-TC74VHC74F Datasheet
222Kb / 6P
DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
TC74VHC74F TOSHIBA-TC74VHC74F Datasheet
261Kb / 10P
Dual D-Type Flip-Flop with Preset and Clear
TC74VHC74FK TOSHIBA-TC74VHC74FK Datasheet
261Kb / 10P
Dual D-Type Flip-Flop with Preset and Clear
TC74VHC74FK TOSHIBA-TC74VHC74FK_12 Datasheet
220Kb / 9P
Dual D-Type Flip-Flop with Preset and Clear
TC74VHC74FN TOSHIBA-TC74VHC74FN Datasheet
222Kb / 6P
DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
More results


Similar Description - TC74VHC74FS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
Mar-2000
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
Dual D-Type Flip-Flop with Preset and Clear
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
16-Dec-2004
logo
Toshiba Semiconductor
TC74VHC74F TOSHIBA-TC74VHC74F_12 Datasheet
220Kb / 9P
Dual D-Type Flip-Flop with Preset and Clear
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74_08 Datasheet
304Kb / 10P
Dual D-Type Flip-Flop with Preset and Clear
74VHC74MTCX FAIRCHILD-74VHC74MTCX Datasheet
304Kb / 10P
Dual D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
74VHC74 ONSEMI-74VHC74 Datasheet
465Kb / 6P
Dual D-Type Flip-Flop with Preset and Clear
August-2017, Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com