Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHC86FT Datasheet (PDF) - Toshiba Semiconductor

TC74VHC86FT Datasheet PDF - Toshiba Semiconductor
Part # TC74VHC86FT
Download  TC74VHC86FT Download
File Size   267.68 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description QUAD EXCLUSIVE OR GATE

TC74VHC86FT Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHC86FT Datasheet PDF - Toshiba Semiconductor

Part # TC74VHC86FT
Download  TC74VHC86FT Click to download

File Size   267.68 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description QUAD EXCLUSIVE OR GATE

TC74VHC86FT Datasheet (HTML) - Toshiba Semiconductor


TC74VHC86FT Product details

The TC74VHC86 is an advanced high speed CMOS QUAD
EXCLUSIVE OR GATE fabricated with silicon gate C2MOS
technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low
power dissipation.
The internal circuit is includes on output buffer, which
provide high noise immunity and stable output.
An Input protection circuit ensures that 0 to 7V can be
applied to the input pins without regard to the supply
voltage. This device can be used to interface 5V to 3V
systems and on two supply system such as battery back up.
This circuit prevents device destruction due to mismatched
supply and input voltages.

FEATURES:
High Speed...
• Low Power Dissipation.
tpd=4.8ns(typ.) at Vcc=5V
Icc 2/A(Max.) at Ta= 25°C
VNIH-VNIL -28% Vcc (Min.)
High Noise Immunity
• Power Down Protoction is provided on all inputo.
Balanced Propagation Delays....tpLH=tpHL
• Wide Operating Voltage Range Vcc (opr)=2V~5.5V
• Low Noise
-VOLP=0.8V (Max.)
• Pin and Function Compatible with 74ALS86




Similar Part No. - TC74VHC86FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC86FT TOSHIBA-TC74VHC86FT Datasheet
201Kb / 5P
QUAD EXCLUSIVE OR GATE
TC74VHC86FT TOSHIBA-TC74VHC86FT Datasheet
213Kb / 8P
Quad Exclusive OR Gate
TC74VHC86FT TOSHIBA-TC74VHC86FT Datasheet
213Kb / 9P
Quad Exclusive OR Gate
TC74VHC86FT TOSHIBA-TC74VHC86FT_12 Datasheet
216Kb / 8P
Quad Exclusive OR Gate
More results


Similar Description - TC74VHC86FT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10113 MOTOROLA-MC10113 Datasheet
104Kb / 5P
Quad Exclusive OR Gate
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
QUAD EXCLUSIVE-OR GATE
Nov-1996
M54HC86 STMICROELECTRONICS-M54HC86 Datasheet
232Kb / 9P
QUAD EXCLUSIVE OR GATE
Dec-1992
M74HCT86-2 STMICROELECTRONICS-M74HCT86-2 Datasheet
174Kb / 8P
QUAD EXCLUSIVE OR GATE
Sep-2001
logo
Toshiba Semiconductor
TC74HCT86AP TOSHIBA-TC74HCT86AP Datasheet
175Kb / 4P
QUAD EXCLUSIVE OR GATE
TC74LVX86F TOSHIBA-TC74LVX86F Datasheet
240Kb / 8P
QUAD EXCLUSIVE OR GATE
TC74VHC86F TOSHIBA-TC74VHC86F Datasheet
201Kb / 5P
QUAD EXCLUSIVE OR GATE
logo
Rohm
BU4030B ROHM-BU4030B Datasheet
46Kb / 4P
Quad exclusive OR gate
logo
National Semiconductor ...
CD4030M NSC-CD4030M Datasheet
97Kb / 4P
Quad EXCLUSIVE-OR Gate
logo
Unisonic Technologies
U74ACT86 UTC-U74ACT86 Datasheet
133Kb / 4P
QUAD EXCLUSIVE OR GATE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com