Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHCT9541AFK Datasheet (PDF) - Toshiba Semiconductor

TC74VHCT9541AFK Datasheet PDF - Toshiba Semiconductor
Part # TC74VHCT9541AFK
Download  TC74VHCT9541AFK Download
File Size   336.26 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Octal Universal Schmitt Buffer with 3-State Outputs

TC74VHCT9541AFK Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHCT9541AFK Datasheet PDF - Toshiba Semiconductor

Part # TC74VHCT9541AFK
Download  TC74VHCT9541AFK Click to download

File Size   336.26 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Octal Universal Schmitt Buffer with 3-State Outputs

TC74VHCT9541AFK Datasheet (HTML) - Toshiba Semiconductor


TC74VHCT9541AFK Product details

The TC74VHCT9541A is an ultra-high-speed octal Schmitt buffer fabricated
using silicon-gate CMOS technology. The TC74VHC9541A combines low
power consumption of CMOS with Schottky TTL speeds.
The input voltage are compatible with TTL output voltage.
This device may be used as a level converter for interfacing 3.3 V to 5 V
system.
The outputs can be put in the high-impedance state by placing a logic HIGH
on the Enable (G ) input. The CONT input determines the logical inversion
of data. A logic LOW on the CONT input configures the TC74VHCT9541A
as an inverter; a logic HIGH on the CONT input configures the
TC74VHCT9541A as a buffer.
All the inputs have hysteresis between the positive-going and negativegoing thresholds. Thus the TC74VHCT9541A is capable of squaring up
transitions of slowly changing input signals and provides an improved noise immunity.
Input protection and output circuit ensure that 0 to 5.5 V can be applied to the input and output (Note) pins without regard to the
supply voltage. These structure prevents device destruction due to mismatched supply and input/output voltages such as battery
back up, etc.
Note: Output in off-state

Features
 High speed: tpd = 6.5ns (typ.) at VCC = 5 V
 Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
 Compatible with TTL inputs
VIL = 0.5 V (max)
VIH = 2.1 V (min)
 Power down protection is provided on all inputs.
 Balanced propagation delays: tpLH ∼− tpHL
 Input terminals are at the opposite side of Output terminals




Similar Part No. - TC74VHCT9541AFK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT9125AFK TOSHIBA-TC74VHCT9125AFK Datasheet
286Kb / 7P
5-bit Universal Schmitt Buffer with 3-State Outputs
2019-01-31
TC74VHCT9126AFK TOSHIBA-TC74VHCT9126AFK Datasheet
286Kb / 7P
5-bit Universal Schmitt Buffer with 3-State Outputs
2019-01-31
TC74VHCT9273FK TOSHIBA-TC74VHCT9273FK Datasheet
238Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHCT9273FT TOSHIBA-TC74VHCT9273FT Datasheet
238Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHCT9273P TOSHIBA-TC74VHCT9273P Datasheet
238Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
More results


Similar Description - TC74VHCT9541AFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LV8151 TI-SN74LV8151 Datasheet
292Kb / 14P
10-BIT UNIVERSAL SCHMITT-TRIGGER BUFFER WITH 3-STATE OUTPUTS
SN74LV8151 TI-SN74LV8151_07 Datasheet
293Kb / 15P
10-BIT UNIVERSAL SCHMITT-TRIGGER BUFFER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LV8151 TI-SN74LV8151_08 Datasheet
293Kb / 15P
10-BIT UNIVERSAL SCHMITT-TRIGGER BUFFER WITH 3-STATE OUTPUTS
logo
Toshiba Semiconductor
TC74VHC9541P TOSHIBA-TC74VHC9541P Datasheet
222Kb / 10P
Octal Universal Schmitt Buffer with 3-State Outputs
logo
Texas Instruments
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Toshiba Semiconductor
TC74VHC9125P TOSHIBA-TC74VHC9125P Datasheet
242Kb / 10P
5-bit Universal Schmitt Buffer with 3-State Outputs
TC74VHCT9125AFK TOSHIBA-TC74VHCT9125AFK Datasheet
286Kb / 7P
5-bit Universal Schmitt Buffer with 3-State Outputs
2019-01-31
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com