Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XE166 Datasheet (PDF) - Infineon Technologies AG

XE166 Datasheet PDF - Infineon Technologies AG
Part # XE166
Download  XE166 Download
File Size   2679.68 Kbytes
Page   101 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 16-Bit Single-Chip Real Time Signal Controller XE166 Family / Compact Line

XE166 Datasheet (PDF)

Go To PDF Page Download Datasheet
XE166 Datasheet PDF - Infineon Technologies AG

Part # XE166
Download  XE166 Click to download

File Size   2679.68 Kbytes
Page   101 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 16-Bit Single-Chip Real Time Signal Controller XE166 Family / Compact Line

XE166 Datasheet (HTML) - Infineon Technologies AG


XE166 Product details

1 Summary of Features
For a quick overview and easy reference, the features of the XE160FU are summarized
here.
• High-performance CPU with five-stage pipeline and MPU
– 15.2 ns instruction cycle @ 66 MHz CPU clock (single-cycle execution)
– One-cycle 32-bit addition and subtraction with 40-bit result
– One-cycle multiplication (16 × 16 bit)
– Background division (32 / 16 bit) in 21 cycles
– One-cycle multiply-and-accumulate (MAC) instructions
– Enhanced Boolean bit manipulation facilities
– Zero-cycle jump execution
– Additional instructions to support HLL and operating systems
– Register-based design with multiple variable register banks
– Fast context switching support with two additional local register banks
– 16 Mbytes total linear address space for code and data
– 1,024 Bytes on-chip special function register area (C166 Family compatible)
– Integrated Memory Protection Unit (MPU)
• Interrupt system with 16 priority levels providing 46 interrupt nodes
– Selectable external inputs for interrupt generation and wake-up
– Fastest sample-rate 15.2 ns
• Eight-channel interrupt-driven single-cycle data transfer with
Peripheral Event Controller (PEC), 24-bit pointers cover total address space
• Clock generation from internal or external clock sources,
using on-chip PLL or prescaler
• Hardware CRC-Checker with Programmable Polynomial to Supervise On-Chip
Memory Areas
• On-chip memory modules
– 2 Kbytes on-chip dual-port RAM (DPRAM)
– 2 Kbytes on-chip data SRAM (DSRAM)
– 4 Kbytes on-chip program/data SRAM (PSRAM)
– Up to 64 Kbytes on-chip program memory (Flash memory)
– Memory content protection through Error Correction Code (ECC) for Flash
memory and through parity for RAMs
• On-Chip Peripheral Modules
– Synchronizable 12-bit A/D Converter with up to 8 channels,
conversion time below 1 μs, optional data preprocessing (data reduction, range
check), broken wire detection
– 16-channel general purpose capture/compare unit (CC2)
– Capture/compare unit for flexible PWM signal generation (CCU60)
– Multi-functional general purpose timer unit with 5 timers
– Up to 2 serial interface channels to be used as UART, LIN, high-speed
synchronous channel (SPI/QSPI), IIC bus interface (10-bit addressing, 400 kbit/s),
IIS interface
– On-chip system timer and on-chip real time clock
• Single power supply from 3.0 V to 5.5 V
• Power reduction and wake-up modes with flexible power management
• Programmable window watchdog timer and oscillator watchdog
• Up to 28 general purpose I/O lines
• On-chip bootstrap loaders
• Supported by a full range of development tools including C compilers, macroassembler
packages, emulators, evaluation boards, HLL debuggers, simulators,
logic analyzer disassemblers, programming boards
• On-chip debug support via Device Access Port (DAP), Single-Pin DAP (SPD) or
JTAG interface
• 38-pin Green TSSOP package, 0.5 mm (10.7 mil) pitch




Similar Part No. - XE166

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XE166 INFINEON-XE166 Datasheet
1Mb / 62P
16-Bit Single-Chip Real Time Signal Controller
V1.6 2014-10
XE166 INFINEON-XE166 Datasheet
2Mb / 107P
16-Bit Single-Chip Real Time Signal Controller XE166 Family / Econo Line
V1.2 2012-07
XE166 INFINEON-XE166 Datasheet
2Mb / 110P
16-Bit Single-Chip Real Time Signal Controller XE166 Family / Econo Line
V1.2 2012-07
XE166 INFINEON-XE166 Datasheet
1Mb / 114P
16-Bit Single-Chip Real Time Signal Controller
V2.1, 2008-08
More results


Similar Description - XE166

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XE164FN INFINEON-XE164FN Datasheet
1Mb / 126P
16-Bit Single-Chip Real Time Signal Controller
V1.2 2010-04
XE162FN INFINEON-XE162FN Datasheet
1Mb / 107P
16-Bit Single-Chip Real Time Signal Controller XE166 Family / Value Line
V1.3 2010-04
XE167 INFINEON-XE167 Datasheet
1Mb / 122P
16-Bit Single-Chip Real Time Signal Controller
V2.1, Aug. 2008
SAK-XE167FM-72F80LAA INFINEON-SAK-XE167FM-72F80LAA Datasheet
1Mb / 144P
16-Bit Single-Chip Real Time Signal Controller
V2.1 2011-07
XE164FM INFINEON-XE164FM_15 Datasheet
1Mb / 128P
16-Bit Single-Chip Real Time Signal Controller
V2.1 2011-07
XE166 INFINEON-XE166 Datasheet
1Mb / 62P
16-Bit Single-Chip Real Time Signal Controller
V1.6 2014-10
XE161FL INFINEON-XE161FL Datasheet
2Mb / 107P
16-Bit Single-Chip Real Time Signal Controller XE166 Family / Econo Line
V1.2 2012-07
XE162FL INFINEON-XE162FL Datasheet
2Mb / 110P
16-Bit Single-Chip Real Time Signal Controller XE166 Family / Econo Line
V1.2 2012-07
XE164 INFINEON-XE164 Datasheet
1Mb / 114P
16-Bit Single-Chip Real Time Signal Controller
V2.1, 2008-08
XE169FH INFINEON-XE169FH Datasheet
1Mb / 149P
16-Bit Single-Chip Real Time Signal Controller XE166 Family / High Line
V1.3 2011-07
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com