Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74AC273 Datasheet (PDF) - Integral Corp.

IN74AC273 Datasheet PDF - Integral Corp.
Part # IN74AC273
Download  IN74AC273 Download
File Size   179.09 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS

IN74AC273 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74AC273 Datasheet PDF - Integral Corp.

Part # IN74AC273
Download  IN74AC273 Click to download

File Size   179.09 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS

IN74AC273 Datasheet (HTML) - Integral Corp.


IN74AC273 Product details

Octal D Flip-Flop with Common Clock and Reset

High-Speed Silicon-Gate CMOS



The IN74AC273 is identical in pinout to the LS/ALS273, HC/HCT273. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALS outputs.

This device consists of eight D flip-flops with common Clock and Reset inputs. Each flip-flop is loaded with a low-to-high transition of the Clock input. Reset is asynchronous and active low.



• Outputs Directly Interface to CMOS, NMOS, and TTL

• Operating Voltage Range: 2.0 to 6.0 V

• Low Input Current: 1.0 µA; 0.1 µA @ 25°C

• High Noise Immunity Characteristic of CMOS Devices

• Outputs Source/Sink 24 mA



 




Similar Part No. - IN74AC273

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC273 IKSEMICON-IN74AC273 Datasheet
195Kb / 6P
Octal D Flip-Flop with Common Clock and Reset
IN74AC273DW IKSEMICON-IN74AC273DW Datasheet
195Kb / 6P
Octal D Flip-Flop with Common Clock and Reset
IN74AC273N IKSEMICON-IN74AC273N Datasheet
195Kb / 6P
Octal D Flip-Flop with Common Clock and Reset
More results


Similar Description - IN74AC273

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT273 SLS-SL74HCT273 Datasheet
48Kb / 5P
Octal D Flip-Flop with Common Clock and Reset(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74AC174 KODENSHI-KK74AC174 Datasheet
265Kb / 6P
Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
KK74ACT175 KODENSHI-KK74ACT175 Datasheet
267Kb / 6P
Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
KK74ACT273 KODENSHI-KK74ACT273 Datasheet
287Kb / 6P
Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
KK74HCT273A KODENSHI-KK74HCT273A Datasheet
241Kb / 6P
Octal D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC273A IKSEMICON-IN74HC273A Datasheet
238Kb / 6P
Octal D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
IN74HCT273A IKSEMICON-IN74HCT273A Datasheet
228Kb / 6P
Octal D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
IN74AC175 IKSEMICON-IN74AC175 Datasheet
177Kb / 6P
Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
IN74ACT174 IKSEMICON-IN74ACT174 Datasheet
247Kb / 6P
Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
IN74ACT273 IKSEMICON-IN74ACT273 Datasheet
274Kb / 6P
Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com