Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUS15I30A Datasheet (PDF) - Toshiba Semiconductor

CUS15I30A Datasheet PDF - Toshiba Semiconductor
Part # CUS15I30A
Download  CUS15I30A Download
File Size   2530.5 Kbytes
Page   84 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Power Management System IC

CUS15I30A Datasheet (PDF)

Go To PDF Page Download Datasheet
CUS15I30A Datasheet PDF - Toshiba Semiconductor

Part # CUS15I30A
Download  CUS15I30A Click to download

File Size   2530.5 Kbytes
Page   84 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Power Management System IC

CUS15I30A Datasheet (HTML) - Toshiba Semiconductor


CUS15I30A Product details

1. DESCRIPTION
TC7734FTG is a complete power supply solution for portable
devices that include 4 DCDC Buck Converters, 3 LDOs, 2-ch LED
Driver and built-in Switching Charger function. Most of the outputs
can be controlled by I2C bus for various programmable settings.

2. FEATURES
• Operating voltage: 3.4 V to 5.5 V • 4 ch DCDC converter (DCDC1 to DCDC4)  Synchronous Current Mode Buck Converters  DCDC1-4 Optional 2-Phase Switching Reduces Input Peak
Current
 Built-in compensation circuit: DCDC1 to DCDC4
• 3 ch LDO(LDO1 to LDO3)
• LED Driver
 Built-in Current Mode DCDC Boost Converter
 2-Ch Constant Current LED Driver
 Sink Current: up to 80 mA/ch with LED voltage up to 20 V
 Output Current Accuracy: +/- 5% (ILED = 20 mA)
 LED1 and LED2 Regulation Voltage: 0.4 V
 PWM dimming, I2C Controlled 32 steps with 195Hz fixed dimming frequency
 LED Driver Protection Circuit
 Over Voltage Detection (OVD)
 Output Open Detection (OOD)
 Output Short Detection (OSD)
• Battery Charger Function
 USB Host and USB Charger Adaptor Detections for Optimum Charge Current for SDP, CDP, DCP and Other)
 DCIN Input Over Voltage Protection (OVP): 5.8 V (typ.) * Maximum voltage of DCIN terminal is defined by 6 V.
 Power Path Function
 1.5 A Switching Charger with Built-in Power MOSFETs




Similar Part No. - CUS15I30A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CUS15I30A TOSHIBA-CUS15I30A Datasheet
197Kb / 6P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
More results


Similar Description - CUS15I30A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3927 NSC-LP3927 Datasheet
326Kb / 16P
Cellular/PCS System Power Management IC
logo
fujitsu semiconductor
MB39C313 FUJITSU-MB39C313 Datasheet
656Kb / 52P
4ch System Power Management IC for LCD Panel
logo
STMicroelectronics
L9952GXP STMICROELECTRONICS-L9952GXP Datasheet
865Kb / 68P
Power management system IC
08-Jul-2009
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
System Power Management and Protection IC with PMBus?
logo
STMicroelectronics
L9952XP STMICROELECTRONICS-L9952XP Datasheet
854Kb / 68P
Power management system IC
08-Jul-2009
logo
Texas Instruments
BQ24070 TI1-BQ24070_14 Datasheet
1Mb / 33P
System Power-Path Management IC
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
System Power Management and Protection IC
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063 Datasheet
1Mb / 4P
System Power Management IC (PMIC) for applications
logo
Skyworks Solutions Inc.
SKY87020-13 SKYWORKS-SKY87020-13 Datasheet
149Kb / 2P
Power Management IC for the SkyBlue System
SKY87021-11 SKYWORKS-SKY87021-11 Datasheet
145Kb / 2P
Power Management IC for the SkyBlue System
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com