Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VEMD2003X01 Datasheet (PDF) - Vishay Siliconix

VEMD2003X01 Datasheet PDF - Vishay Siliconix
Part # VEMD2003X01
Download  VEMD2003X01 Download
File Size   202.57 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon PIN Photodiode

VEMD2003X01 Datasheet (PDF)

Go To PDF Page Download Datasheet
VEMD2003X01 Datasheet PDF - Vishay Siliconix

Part # VEMD2003X01
Download  VEMD2003X01 Click to download

File Size   202.57 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon PIN Photodiode

VEMD2003X01 Datasheet (HTML) - Vishay Siliconix


VEMD2003X01 Product details

DESCRIPTION
VEMD2003X01 and VEMD2023X01 are high speed and high
sensitive PIN photodiodes in a miniature surface mount
package (SMD) with dome lens and daylight blocking filter.
Filter is matched with IR emitters operating at wavelength of
830 nm to 950 nm. The photo sensitive area of the chip is
0.23 mm2.

FEATURES
• Package type: surface mount
• Package form: GW, RGW
• Dimensions (L x W x H in mm): 2.3 x 2.3 x 2.55
• AEC-Q101 qualified
• High radiant sensitivity
• Daylight blocking filter matched with 830 nm
to 950 nm IR emitters
• Fast response times
• Angle of half sensitivity:  = ± 35°
• Package matched with IR emitter series
VSMB2943X01
• Floor life: 4 weeks, MSL 2a, acc. J-STD-020
• Lead (Pb)-free reflow soldering
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• High speed photo detector
• Infrared remote control
• Infrared data transmission
• Photo interrupters
• IR touch panels




Similar Part No. - VEMD2003X01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEMD2003X01 VISHAY-VEMD2003X01 Datasheet
201Kb / 8P
Silicon PIN Photodiode
04-Apr-13
VEMD2003X01 VISHAY-VEMD2003X01 Datasheet
202Kb / 8P
Silicon PIN Photodiodes
04-Apr-13
VEMD2003X01 VISHAY-VEMD2003X01 Datasheet
203Kb / 8P
Silicon PIN Photodiode
04-Apr-13
VEMD2003X01 VISHAY-VEMD2003X01_V01 Datasheet
202Kb / 8P
Silicon PIN Photodiodes
04-Apr-13
More results


Similar Description - VEMD2003X01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
Silicon PIN Photodiode
16-Nov-99
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
PIN SILICON PHOTODIODE
Dec-1998
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
Silicon PIN Photodiode
logo
OPTEK Technologies
OP906 OPTEK-OP906 Datasheet
500Kb / 2P
PIN Silicon Photodiode
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF_06 Datasheet
143Kb / 7P
Silicon PIN Photodiode
13-Nov-06
BPW24R VISHAY-BPW24R_08 Datasheet
144Kb / 5P
Silicon PIN Photodiode
11-Aug-08
BPW41N VISHAY-BPW41N_08 Datasheet
89Kb / 5P
Silicon PIN Photodiode
08-Sep-08
VBPW34S VISHAY-VBPW34S Datasheet
187Kb / 8P
Silicon PIN Photodiode
20-Apr-10
T330P VISHAY-T330P Datasheet
76Kb / 4P
Silicon PIN Photodiode
16-Jan-12
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
Silicon PIN Photodiode
09-Jan-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com