Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4624 Datasheet (PDF) - Analog Devices

ADN4624 Datasheet PDF - Analog Devices
Part # ADN4624
Download  ADN4624 Download
File Size   3661.95 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5.7 kV rms/1.5 kV rms, Quad-Channel LVDS 2.5 Gigabit Isolators

ADN4624 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN4624 Datasheet PDF - Analog Devices

Part # ADN4624
Download  ADN4624 Click to download

File Size   3661.95 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5.7 kV rms/1.5 kV rms, Quad-Channel LVDS 2.5 Gigabit Isolators

ADN4624 Datasheet (HTML) - Analog Devices


ADN4624 Product details

GENERAL DESCRIPTION
The ADN4622/ADN46241 are quad-channel, signal isolated, lowvoltage
differential signaling (LVDS) buffers that operate at up to
2.5 Gbps with very low jitter. The devices integrate Analog Devices,
Inc., iCoupler® technology, enhanced for high-speed operation
to provide drop-in galvanic isolation of LVDS signal chains. AC
coupling and/or level shifting to the LVDS receivers and from the
LVDS drivers allows isolation of other high-speed signals such as
current-mode logic (CML).
The ADN4622/ADN4624 include a refresh mechanism to monitor
the input and output states and ensure they remain the same in
the absence of data transitions. For lower power consumption and
high-speed operation with low jitter, the LVDS and isolator circuits
rely on 1.8 V supplies. The ADN4622/ADN4624 are fully specified
over a wide industrial temperature range and are available in a
28-lead, wide-body, finer pitch SOIC_W_FP package with 8.3 mm
creepage and clearance (for 5.7 kV rms or 8 kVPEAK surge and
impulse voltages and reinforced insulation at AC mains voltages)
or 6 mm × 6 mm LFCSP package with 1.27 mm creepage and
clearance (for basic/functional isolation).

FEATURES
► 5.7 kV rms and 1.5 kV rms LVDS isolators
► Complies with TIA/EIA-644-A LVDS signal levels
► Quad-channel configuration (ADN4622: 2 + 2, ADN4624: 4 + 0)
► Any data rate up to 2.5 Gbps switching with low jitter
► 10 Gbps total bandwidth across four channels
► 2.15 ns typical propagation delay
► Typical jitter: 0.82 ps rms random, 40 ps total peak
► Lower power 1.8 V supplies
► ±8 kV IEC 61000-4-2 ESD protection across isolation barrier
► High common-mode transient immunity: 100 kV/μs typical
► Safety and regulatory approvals (28-lead SOIC_W_FP package)
► UL (pending): 5700 V rms for 1 minute per UL 1577
► CSA Component Acceptance Notice 5A (pending)
► VDE certificate of conformity (pending)
► DIN V VDE V 0884-11 (VDE V 0884-11):2017-01
► VIORM = 849 VPEAK (working voltage)
► Enable or disable refresh (low-speed output correctness check)
► Operating temperature range: −40°C to +125°C
► 28-lead, wide-body, finer pitch SOIC_W_FP package with 8.3
mm creepage and clearance or 6 mm × 6 mm LFCSP package
with 1.27 mm creepage and clearance

APPLICATIONS
► Isolated video and imaging data
► Analog front-end isolation
► Data plane isolation
► Isolated high speed clock and data links
► Multi-gigabit SERDES
► Board-to-board optical replacement (for example, short reach fiber)




Similar Part No. - ADN4624

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4624 AD-ADN4624 Datasheet
3Mb / 20P
5.7 kV RMS, Quad-Channel LVDS 2.5 Gigabit Isolator
4/2021-Revision 0
ADN4624 AD-ADN4624 Datasheet
3Mb / 23P
5.7 kV RMS/1.5 kV RMS, Quad-Channel LVDS 2.5 Gigabit Isolator
Rev. A
ADN4624BCPZ AD-ADN4624BCPZ Datasheet
3Mb / 23P
5.7 kV RMS/1.5 kV RMS, Quad-Channel LVDS 2.5 Gigabit Isolator
Rev. A
ADN4624BCPZ-RL AD-ADN4624BCPZ-RL Datasheet
3Mb / 23P
5.7 kV RMS/1.5 kV RMS, Quad-Channel LVDS 2.5 Gigabit Isolator
Rev. A
ADN4624BRNZ AD-ADN4624BRNZ Datasheet
3Mb / 20P
5.7 kV RMS, Quad-Channel LVDS 2.5 Gigabit Isolator
4/2021-Revision 0
More results


Similar Description - ADN4624

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
5 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
REV. B
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
REV. A
ADN4654 AD-ADN4654 Datasheet
732Kb / 25P
5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
6/2019-Rev. B to Rev. C
ADN4624 AD-ADN4624 Datasheet
3Mb / 20P
5.7 kV RMS, Quad-Channel LVDS 2.5 Gigabit Isolator
4/2021-Revision 0
ADN4624 AD-ADN4624_V01 Datasheet
3Mb / 23P
5.7 kV RMS/1.5 kV RMS, Quad-Channel LVDS 2.5 Gigabit Isolator
Rev. A
ADN4650 AD-ADN4650_V01 Datasheet
853Kb / 25P
5 kV RMS/3.75 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
Rev. E
ADN4654 AD-ADN4654_V01 Datasheet
1Mb / 25P
5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
Rev. D
ADN4620 AD-ADN4620 Datasheet
2Mb / 24P
3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com