Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1478366 Datasheet (PDF) - PHOENIX CONTACT

1478366 Datasheet PDF - PHOENIX CONTACT
Part # 1478366
Download  1478366 Download
File Size   350.66 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Network cable - SPE-T1-M12MS/ 5,0-99B

1478366 Datasheet (PDF)

Go To PDF Page Download Datasheet
1478366 Datasheet PDF - PHOENIX CONTACT

Part # 1478366
Download  1478366 Click to download

File Size   350.66 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Network cable - SPE-T1-M12MS/ 5,0-99B

1478366 Datasheet (HTML) - PHOENIX CONTACT


1478366 Product details

Network cable, Single Pair Ethernet CAT B (1 Gbps), 2-position halogen-free, shielded
(Advanced Shielding Technology), Plug straight M12-SPE / IP67, on free cable end / IP67, cable
length: 5 m

Your advantages
• Future-proof: standardized connectors in accordance with IEC 63171-5 (IP67)
• Easily integrated: Male and female versions for established inductive sensors and flying leads
• Straightforward servicing: M12 connectors are compatible with IP20 connectors for SPE
• Safely shielded: patch cables with Advanced Shielding Technology




Similar Part No. - 1478366

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1478360000 WEIDMULLER-1478360000 Datasheet
87Kb / 4P
BLAC 9R OR
1478360000 WEIDMULLER-1478360000 Datasheet
88Kb / 4P
BLAC 4R OR
1478360000 WEIDMULLER-1478360000 Datasheet
88Kb / 4P
BLAC 8R OR
logo
PHOENIX CONTACT
1478364 PHOENIX-1478364 Datasheet
350Kb / 7P
Network cable - SPE-T1-M12MS/ 1,0-99B
Nov 16, 2022
1478365 PHOENIX-1478365 Datasheet
350Kb / 7P
Network cable - SPE-T1-M12MS/ 2,0-99B
Nov 16, 2022
More results


Similar Description - 1478366

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1364621 PHOENIX-1364621 Datasheet
424Kb / 8P
Network cable - SPE-T1-M12MS/ 2,0-99B/M12FS
Nov 16, 2022
1478364 PHOENIX-1478364 Datasheet
350Kb / 7P
Network cable - SPE-T1-M12MS/ 1,0-99B
Nov 16, 2022
1478365 PHOENIX-1478365 Datasheet
350Kb / 7P
Network cable - SPE-T1-M12MS/ 2,0-99B
Nov 16, 2022
1478367 PHOENIX-1478367 Datasheet
350Kb / 7P
Network cable - SPE-T1-M12MS/10,0-99B
Nov 16, 2022
1478370 PHOENIX-1478370 Datasheet
350Kb / 7P
Network cable - SPE-T1- 5,0-99B/M12FS
Nov 16, 2022
1478373 PHOENIX-1478373 Datasheet
424Kb / 8P
Network cable - SPE-T1-M12MS/ 5,0-99B/M12FS
Nov 16, 2022
1478376 PHOENIX-1478376 Datasheet
352Kb / 7P
Network cable - SPE-T1-M12MS/ 1,0-99B/M12MS
Nov 16, 2022
1478377 PHOENIX-1478377 Datasheet
352Kb / 7P
Network cable - SPE-T1-M12MS/ 5,0-99B/M12MS
Nov 16, 2022
1478380 PHOENIX-1478380 Datasheet
352Kb / 7P
Network cable - SPE-T1-M12MS/10,0-99B/M12MS
Nov 16, 2022
1364622 PHOENIX-1364622 Datasheet
349Kb / 7P
Network cable - SPE-T1-M12MS/ 2,0-99B/M12MS
Jan 11, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com