Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2702372 Datasheet (PDF) - PHOENIX CONTACT

2702372 Datasheet PDF - PHOENIX CONTACT
Part # 2702372
Download  2702372 Download
File Size   435.95 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Bus coupler - IL ETH BK-PAC

2702372 Datasheet (PDF)

Go To PDF Page Download Datasheet
2702372 Datasheet PDF - PHOENIX CONTACT

Part # 2702372
Download  2702372 Click to download

File Size   435.95 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Bus coupler - IL ETH BK-PAC

2702372 Datasheet (HTML) - PHOENIX CONTACT


2702372 Product details

Inline, Bus coupler, Modbus/TCP(UDP), RJ45 jack, transmission speed in the local bus: 500
kbps / 2 Mbps, degree of protection: IP20, including Inline connector and labeling field

Product Description
The bus coupler is intended for use within a Modbus/TCP (UDP) network. The bus coupler creates the link to the Inline I/O system and the industrial
I/O signals connected to it. Up to 63 Inline devices can be connected to the bus coupler.

Your advantages
• 2 Ethernet ports (with integrated switch)
• Transmission speed of 10 Mbps and 100 Mbps
• Automatic detection of the transmission speed in the local bus (500 kbps or 2 Mbps)
• Support for three branch terminals as a remote bus branch (32 remote bus devices in total)
• Firmware can be updated
• Data exchange via OPC server supported
• Software interfaces for access via TCP/IP: Device Driver Interface (DDI) and High-Level Language Fieldbus Interface (HFI)
• Web-based management
• Security in the network: Port disconnection possible via web-based management




Similar Part No. - 2702372

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702373 PHOENIX-2702373 Datasheet
105Kb / 5P
Measuring ranges adjusted with nominal characteristic values upon delivery
2702374 PHOENIX-2702374 Datasheet
404Kb / 10P
PSR-MM20-2NO-1DO-24DC-SC - Safety relay module
2702375 PHOENIX-2702375 Datasheet
407Kb / 10P
PSR-MM20-2NO-1DO-24DC-SP - Safety relay module
27023757 PHOENIX-27023757 Datasheet
87Kb / 6P
Safety device - PSR-MM30-2NO-2DO-24DC-SC - 2702357
07/29/2019
More results


Similar Description - 2702372

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2861506 PHOENIX-2861506 Datasheet
111Kb / 5P
Bus coupler - IBS IL 24 BK RB-LK-PAC
2862026 PHOENIX-2862026 Datasheet
95Kb / 5P
Bus coupler - IBS IL 24 BK RB LK-2MBD-PAC
2862165 PHOENIX-2862165 Datasheet
108Kb / 5P
Bus coupler - IBS IL 24 BK-LK/45-PAC
2863986 PHOENIX-2863986 Datasheet
148Kb / 5P
FL IL 24 BK ETH/IP-PAC
2692322 PHOENIX-2692322 Datasheet
204Kb / 14P
Bus coupler - IL PB BK DI8 DO4/EF-PAC
09/12/2020
2692380 PHOENIX-2692380 Datasheet
175Kb / 12P
Bus coupler - IL S3 BK DI8 DO4 2TX-PAC
09/12/2020
2702507 PHOENIX-2702507 Datasheet
597Kb / 14P
Bus coupler - IL EC BK-PAC
Dec 9, 2022
2403696 PHOENIX-2403696 Datasheet
496Kb / 13P
Bus coupler - IL PN BK-PAC
Dec 9, 2022
2862068 PHOENIX-2862068 Datasheet
561Kb / 12P
Bus coupler - IBS IL 24 BK-LK-2MBD-PAC
Jan 11, 2023
2701150 PHOENIX-2701150 Datasheet
684Kb / 14P
Bus coupler - IBS IL 24 BK-T/U-XC-PAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com