Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K4X51163PC-FGC3 Datasheet (PDF) - Samsung semiconductor

K4X51163PC-FGC3 Datasheet PDF - Samsung semiconductor
Part # K4X51163PC-FGC3
Download  K4X51163PC-FGC3 Download
File Size   217.36 Kbytes
Page   23 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 32M x16 Mobile-DDR SDRAM

K4X51163PC-FGC3 Datasheet (PDF)

Go To PDF Page Download Datasheet
K4X51163PC-FGC3 Datasheet PDF - Samsung semiconductor

Part # K4X51163PC-FGC3
Download  K4X51163PC-FGC3 Click to download

File Size   217.36 Kbytes
Page   23 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 32M x16 Mobile-DDR SDRAM

K4X51163PC-FGC3 Datasheet (HTML) - Samsung semiconductor


K4X51163PC-FGC3 Product details

FEATURES
• 1.8V power supply, 1.8V I/O power
• Double-data-rate architecture; two data transfers per clock cycle
• Bidirectional data strobe(DQS)
• Four banks operation
• 1 /CS
• 1 CKE
• Differential clock inputs(CK and CK)
• MRS cycle with address key programs
   - CAS Latency ( 2, 3 )
   - Burst Length ( 2, 4, 8, 16 )
   - Burst Type (Sequential & Interleave)
   - Partial Self Refresh Type ( Full, 1/2, 1/4 Array )
   - Output Driver Strength Control ( Full, 1/2, 1/4, 1/8 )
• Internal Temperature Compensated Self Refresh
• Deep Power Down Mode
• All inputs except data & DM are sampled at the positive going edge of the system clock(CK).
• Data I/O transactions on both edges of data strobe, DM for masking.
• Edge aligned data output, center aligned data input.
• No DLL; CK to DQS is not synchronized.
• LDM, UDM for write masking only.
• Auto refresh duty cycle
   - 7.8us for -25 to 85 °C




Similar Part No. - K4X51163PC-FGC3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4X51163PE-L SAMSUNG-K4X51163PE-L Datasheet
534Kb / 20P
32Mx16 Mobile DDR SDRAM
More results


Similar Description - K4X51163PC-FGC3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4X56163PE SAMSUNG-K4X56163PE Datasheet
698Kb / 48P
16M x16 Mobile DDR SDRAM
K4X56163PG SAMSUNG-K4X56163PG Datasheet
217Kb / 23P
16M x16 Mobile-DDR SDRAM
logo
Emerging Memory & Logic...
EMD12164P EMLSI-EMD12164P Datasheet
2Mb / 45P
512M: 32M x 16 Mobile DDR SDRAM
logo
Etron Technology, Inc.
EM68B16DVAA ETRON-EM68B16DVAA Datasheet
328Kb / 40P
32M x 16 Mobile DDR Synchronous DRAM (SDRAM)
logo
Hynix Semiconductor
HY5DU323222Q HYNIX-HY5DU323222Q Datasheet
710Kb / 29P
32M(1Mx32) DDR SDRAM
HY5DU323222QP HYNIX-HY5DU323222QP Datasheet
696Kb / 29P
32M(1Mx32) DDR SDRAM
logo
Micron Technology
MT46H32M16LFBF-6ITC MICRON-MT46H32M16LFBF-6ITC Datasheet
3Mb / 96P
512Mb: x16, x32 Mobile Low-Power DDR SDRAM Features
logo
Elite Semiconductor Mem...
M53D64164A ESMT-M53D64164A Datasheet
1Mb / 47P
1M x16 Bit x 4 Banks Mobile DDR SDRAM
M53D2561616A ESMT-M53D2561616A Datasheet
709Kb / 47P
4M x16 Bit x 4 Banks Mobile DDR SDRAM
M53D1G1664A ESMT-M53D1G1664A Datasheet
1Mb / 48P
16M x16 Bit x 4 Banks Mobile DDR SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com