Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA9259CD Datasheet (PDF) - Fairchild Semiconductor

KA9259CD Datasheet PDF - Fairchild Semiconductor
Part # KA9259CD
Download  KA9259CD Download
File Size   294.0 Kbytes
Page   15 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 5-Channel Motor Driver

KA9259CD Datasheet (PDF)

Go To PDF Page Download Datasheet
KA9259CD Datasheet PDF - Fairchild Semiconductor

Part # KA9259CD
Download  KA9259CD Click to download

File Size   294.0 Kbytes
Page   15 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 5-Channel Motor Driver

KA9259CD Datasheet (HTML) - Fairchild Semiconductor


KA9259CD Product details

Description
The KA9259D is a monolithic integrated circuit, suitable for 5-ch motor driver which drives focus actuator, tracking actuator, sled motor, spindle motor and loading motor of CD system.

Features
• 1-phase, full-wave, linear DC motor driver
• Built-in TSD (Thermal shutdown) circuit
• Built-in 5V regulator (With an external PNP Transistor)
• Built-in mute circuit
• Built-in loading motor speed control circuit
• Wide operating supply voltage range: 6V~13.2V




Similar Part No. - KA9259CD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA9259D FAIRCHILD-KA9259D Datasheet
296Kb / 16P
5-Channel Motor Drive IC
KA9259D FAIRCHILD-KA9259D Datasheet
616Kb / 16P
5-Channel Motor Drive IC
KA9259ED FAIRCHILD-KA9259ED Datasheet
296Kb / 16P
5-Channel Motor Drive IC
KA9259EDTF FAIRCHILD-KA9259EDTF Datasheet
296Kb / 16P
5-Channel Motor Drive IC
KA9259HD FAIRCHILD-KA9259HD Datasheet
616Kb / 16P
5-Channel Motor Drive IC
More results


Similar Description - KA9259CD

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56758FP MITSUBISHI-M56758FP Datasheet
334Kb / 9P
5 CHANNEL ACTUATOR MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8001D FAIRCHILD-FAN8001D Datasheet
288Kb / 14P
5-Channel Motor Driver
FAN8725 FAIRCHILD-FAN8725 Datasheet
259Kb / 20P
Spindle Motor and 5-Channel Motor Driver
FAN8025G3 FAIRCHILD-FAN8025G3 Datasheet
189Kb / 13P
5-Channel Motor Driver
FAN8705 FAIRCHILD-FAN8705 Datasheet
528Kb / 24P
5 Channel DSC Motor Driver
KA9260D FAIRCHILD-KA9260D Datasheet
295Kb / 15P
5-CHANNEL MOTOR DRIVER
logo
List of Unclassifed Man...
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5665 BCDSEMI-AM5665 Datasheet
149Kb / 14P
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Aimtron Technology
AT5558 AIMTRON-AT5558 Datasheet
223Kb / 13P
5-Channel DSC Motor Driver
logo
BCD Semiconductor Manuf...
AM5680 BCDSEMI-AM5680 Datasheet
133Kb / 13P
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com