Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC78H651AFNG Datasheet (PDF) - Toshiba Semiconductor

TC78H651AFNG Datasheet PDF - Toshiba Semiconductor
Part # TC78H651AFNG
Download  TC78H651AFNG Download
File Size   402.66 Kbytes
Page   14 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 1.8-V Dual bridge driver IC

TC78H651AFNG Datasheet (PDF)

Go To PDF Page Download Datasheet
TC78H651AFNG Datasheet PDF - Toshiba Semiconductor

Part # TC78H651AFNG
Download  TC78H651AFNG Click to download

File Size   402.66 Kbytes
Page   14 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 1.8-V Dual bridge driver IC

TC78H651AFNG Datasheet (HTML) - Toshiba Semiconductor


TC78H651AFNG Product details

The TC78H651AFNG is a dual bridge driver IC for DC
motors/Stepping motors which incorporates DMOS with low ON
resistance in output transistors. Forward, reverse, or stop mode can
be selected. Over current detection, thermal shutdown, and under
voltage lockout functions are implemented

Features
• Power supply voltage (Absolute maximum ratings): 8.0 V (max)
• Power supply voltage (Operating Range): 1.8 V to 7.5 V
• Output current (Absolute maximum ratings): 2.0A (max)
• Output ON resistance: 0.22 Ω (typ.)
(Ta = 25 °C, Sum of upper and lower side, VM = 5.0 V)
• Built-in standby function: Consumption current 0 μA (typ.)
• Built-in cross conduction protection circuit
• Built-in over current detection (ISD), thermal shutdown (TSD), and under voltage lockout (UVLO)
• Forward / Reverse / Stop modes are selectable
• Package: P-TSSOP16-0505-0.65-001




Similar Part No. - TC78H651AFNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC78H651FNG TOSHIBA-TC78H651FNG Datasheet
473Kb / 14P
1.8-V Dual bridge driver IC
2018-04-18
More results


Similar Description - TC78H651AFNG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6282G INFINEON-TLE6282G Datasheet
220Kb / 14P
Dual Half Bridge Driver IC
Rev 2.2 2006-03-07
logo
Toshiba Semiconductor
TB6561FG TOSHIBA-TB6561FG Datasheet
220Kb / 14P
Dual Full-Bridge Driver IC
logo
Texas Instruments
DRV8843 TI-DRV8843 Datasheet
621Kb / 19P
DUAL H-BRIDGE DRIVER IC
DRV8843 TI-DRV8843_15 Datasheet
910Kb / 20P
DUAL H-BRIDGE DRIVER IC
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
DUAL H-BRIDGE DRIVER IC
TC78H660FNG TOSHIBA-TC78H660FNG Datasheet
637Kb / 26P
Dual H Bridge driver IC
2020-09-08
TC78H620FNG TOSHIBA-TC78H620FNG Datasheet
519Kb / 15P
DUAL-BRIDGE DRIVER IC
2016-11-28
TC78H621FNG TOSHIBA-TC78H621FNG Datasheet
397Kb / 15P
DUAL-BRIDGE DRIVER IC
2017-04-10
TC78H651FNG TOSHIBA-TC78H651FNG Datasheet
473Kb / 14P
1.8-V Dual bridge driver IC
2018-04-18
TC78H653FTG TOSHIBA-TC78H653FTG Datasheet
488Kb / 14P
1.8-V Dual H-bridge driver IC
2019-04-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com