Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC78S121FNG Datasheet (PDF) - Toshiba Semiconductor

TC78S121FNG Datasheet PDF - Toshiba Semiconductor
Part # TC78S121FNG
Download  TC78S121FNG Download
File Size   695.99 Kbytes
Page   30 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PWM Chopper Type Dual-Stepping Motor Driver

TC78S121FNG Datasheet (PDF)

Go To PDF Page Download Datasheet
TC78S121FNG Datasheet PDF - Toshiba Semiconductor

Part # TC78S121FNG
Download  TC78S121FNG Click to download

File Size   695.99 Kbytes
Page   30 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PWM Chopper Type Dual-Stepping Motor Driver

TC78S121FNG Datasheet (HTML) - Toshiba Semiconductor


TC78S121FNG Product details

Two stepping motor drivers can drive up to four brushed DC
motors. Incorporating two pairs of H-bridge drivers, the
TC78S121FNG can drive two DC motors or a single stepping
motor.

Features
● Single-chip motor driver for bipolar stepping motor
control
● Monolithic IC structured by CD process.
● Low ON-resistance: Ron = 0.6 Ω
In large mode, ON-resistance of combined H-bridges (Ron) is 0.3 Ω.
● Over-current detection (ISD), thermal shutdown (TSD) and VM power-on reset circuits
● Since the IC incorporates the VCC regulator for internal circuit operation, an external power supply (5 V)
is not required.
● Package: HTSSOP48-P-300-0.50 0.5 mm pitch
● Maximum output withstand voltage: 40 V (max)
● Output current: 2.0 A (max) in DC Motor (S) mode; 1.5 A (max) in Stepping Motor (S) mode
● Chopping frequency can be set by external capacitor and resistor. High-speed chopping is possible at
100 kHz or higher.




Similar Part No. - TC78S121FNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC78S121FTG TOSHIBA-TC78S121FTG Datasheet
668Kb / 30P
PWM Chopper Type Dual-Stepping Motor Driver
2017-09-15
More results


Similar Description - TC78S121FNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8435H TOSHIBA-TA8435H Datasheet
470Kb / 25P
PWM CHOPPER TYPE BIPOLAR STEPPING MOTOR DRIVER
TB62200AF TOSHIBA-TB62200AF Datasheet
2Mb / 56P
DUAL-STEPPING MOTOR DRIVER IC USING PWM CHOPPER TYPE
TB6504F TOSHIBA-TB6504F Datasheet
729Kb / 20P
PWM CHOPPER TYPE BIPOLAR STEPPING MOTOR DRIVER
TB6512AF TOSHIBA-TB6512AF Datasheet
642Kb / 18P
PWM CHOPPER TYPE BIPOLAR STEPPING MOTOR DRIVER
TA8435H TOSHIBA-TA8435H_06 Datasheet
562Kb / 28P
PWM CHOPPER-TYPE BIPOLAR STEPPING MOTOR DRIVER.
TB62212FNG TOSHIBA-TB62212FNG Datasheet
487Kb / 32P
PWM Chopper Type Dual-Stepping Motor Driver
2014-10-01
TB6504FG TOSHIBA-TB6504FG Datasheet
639Kb / 23P
PWM CHOPPER TYPE BIPOLAR STEPPING MOTOR DRIVER
2006-3-6
TC78S121FTG TOSHIBA-TC78S121FTG Datasheet
668Kb / 30P
PWM Chopper Type Dual-Stepping Motor Driver
2017-09-15
TC78S122FNG TOSHIBA-TC78S122FNG Datasheet
620Kb / 31P
PWM Chopper Type Dual-Stepping Motor Driver
2017-09-15
TC78S122FTG TOSHIBA-TC78S122FTG Datasheet
632Kb / 31P
PWM Chopper Type Dual-Stepping Motor Driver
2017-09-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com