Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7MB3125CFT Datasheet (PDF) - Toshiba Semiconductor

TC7MB3125CFT Datasheet PDF - Toshiba Semiconductor
Part # TC7MB3125CFT
Download  TC7MB3125CFT Download
File Size   289.37 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low Capacitance Quad Bus Switch

TC7MB3125CFT Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7MB3125CFT Datasheet PDF - Toshiba Semiconductor

Part # TC7MB3125CFT
Download  TC7MB3125CFT Click to download

File Size   289.37 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low Capacitance Quad Bus Switch

TC7MB3125CFT Datasheet (HTML) - Toshiba Semiconductor


TC7MB3125CFT Product details

The TC7MB3125C, TC7MB3126C is a Low ON-resistance / Low
Capacitance CMOS 4bit Bus Switch. The low on-resistance of the
switch allows connections to be made with minimal propagation
delay time.
The TC7MB3125C requires the output enable (OE) input to be
set high to place the output into the high impedance state,whereas
the TC7MB3126C requires the output enable (OE) input to be set
low to place the output into the high impedance.
All inputs are equipped with protection circuits against static
discharge.

Features
• Operating voltage: VCC = 4.0 to 5.5 V
• On-capacitance: CI/O = 7 pF Switch On (typ.) @ VCC = 5 V
• On-resistance: RON = 3 Ω (typ.) @ VCC=4.5 V, VIS = 0 V
• ESD performance: Machine model ≥ ±200 V
Human body model ≥ ±2000 V
• Compatible with TTL outputs (control inputs)
• Power-down protection for inputs (OE, OE and I/O)
• Package: TSSOP14,VSSOP14 (US14), VQON16
Note: When mounting VQON package, the type of recommended
flux is RA or RMA




Similar Part No. - TC7MB3125CFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MB3244CFK TOSHIBA-TC7MB3244CFK Datasheet
294Kb / 12P
Low Capacitance Octal Bus Switch
2014-03-01
TC7MB3244CFT TOSHIBA-TC7MB3244CFT Datasheet
294Kb / 12P
Low Capacitance Octal Bus Switch
2014-03-01
TC7MB3244CFTG TOSHIBA-TC7MB3244CFTG Datasheet
294Kb / 12P
Low Capacitance Octal Bus Switch
2014-03-01
TC7MB3244FK TOSHIBA-TC7MB3244FK Datasheet
193Kb / 5P
OCTAL BUS SWITCH
TC7MB3244FK TOSHIBA-TC7MB3244FK Datasheet
166Kb / 6P
Octal Bus Switch
More results


Similar Description - TC7MB3125CFT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3125 FAIRCHILD-FST3125 Datasheet
123Kb / 6P
Quad Bus Switch
FST3126 FAIRCHILD-FST3126 Datasheet
121Kb / 6P
Quad Bus Switch
logo
NXP Semiconductors
CBT3126 NXP-CBT3126 Datasheet
91Kb / 13P
Quad FET bus switch
Rev. 03-9 December 2008
logo
Toshiba Semiconductor
TC7MBL3125CFT TOSHIBA-TC7MBL3125CFT Datasheet
244Kb / 12P
Low Voltage/Low Capacitance Quad Bus Switch
TC7MBL3245CFT TOSHIBA-TC7MBL3245CFT Datasheet
252Kb / 12P
Low Voltage/Low Capacitance Octal Bus Switch
TC7MBL3245SFT TOSHIBA-TC7MBL3245SFT Datasheet
252Kb / 10P
Low Voltage/Low Capacitance Octal Bus Switch
TC7MBL6125SFT TOSHIBA-TC7MBL6125SFT Datasheet
251Kb / 11P
Quad Low Voltage/Low Capacitance Bus Switch
TC7SBL66CFU TOSHIBA-TC7SBL66CFU Datasheet
185Kb / 9P
Low Voltage / Low Capacitance Single Bus Switch
TC7WBL3306CFK TOSHIBA-TC7WBL3306CFK Datasheet
205Kb / 10P
Low Voltage / Low Capacitance Dual Bus Switch
TC7MB3244CFT TOSHIBA-TC7MB3244CFT Datasheet
294Kb / 12P
Low Capacitance Octal Bus Switch
2014-03-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com