Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7MP3125FT Datasheet (PDF) - Toshiba Semiconductor

TC7MP3125FT Datasheet PDF - Toshiba Semiconductor
Part # TC7MP3125FT
Download  TC7MP3125FT Download
File Size   342.46 Kbytes
Page   34 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

TC7MP3125FT Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7MP3125FT Datasheet PDF - Toshiba Semiconductor

Part # TC7MP3125FT
Download  TC7MP3125FT Click to download

File Size   342.46 Kbytes
Page   34 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

TC7MP3125FT Datasheet (HTML) - Toshiba Semiconductor


TC7MP3125FT Product details

1. Functional Description
• Low-Voltage, Low-Power 2-Bit × 2 Dual-Supply Bus Transceiver
2. General
The TC7MP3215FT is an advanced high-speed CMOS 4-bit dual supply voltage interface bus transceiver
fabricated with silicon gate CMOS technology.
All inputs and outputs have tolerant function, and can be applied up to 3.6 V at power down mode.
The input consists of two same 2-bit configuration and it can be used as dual 2-bit configurations or single 4-bit
configuration.
When the DIR input that changes transmission direction is H level, A-bus works as input and B-bus works as
output, and when the DIR is L level, A-bus works as output and B-bus works as input.
When the Enable input OE is H level, both A-bus and B-bus become to floating state (high-impedance).
All inputs are equipped with protection circuits against static discharge or transient excess voltage.
3. Features (Note)
(1) Wide operating temperature range: Topr = -40 to 125
(2) Operating voltage: 1.2 V and 1.8 V / 1.2 V and 2.5 V / 1.2 V and 3.3 V / 1.5 V and 2.5 V
1.5 V and 3.3 V / 1.8 V and 2.5 V / 1.8 V and 3.3 V / 2.5 V and 3.3 V
bidirectional interface
(3) High-speed operation: tpd = 6.8 ns (max) (VCCA = 2.5 ± 0.2 V, VCCB = 3.3 ± 0.3 V)
tpd = 8.9 ns (max) (VCCA = 1.8 ± 0.15 V, VCCB = 3.3 ± 0.3 V)
tpd = 10.3 ns (max) (VCCA = 1.5 ± 0.1 V, VCCB = 3.3 ± 0.3 V)
tpd = 61 ns (max) (VCCA = 1.2 ± 0.1 V, VCCB = 3.3 ± 0.3 V)
tpd = 9.5 ns (max) (VCCA = 1.8 ± 0.15 V, VCCB = 2.5 ± 0.2 V)
tpd = 10.8 ns (max) (VCCA = 1.5 ± 0.1 V, VCCB = 2.5 ± 0.2 V)
tpd = 60 ns (max) (VCCA = 1.2 ± 0.1 V, VCCB = 2.5 ± 0.2 V)
tpd = 58 ns (max) (VCCA = 1.2 ± 0.1 V, VCCB = 1.8 ± 0.15 V)
(4) Output current: |IOH|/IOL = 12 mA (min) (VCC = 3.0 V)
|IOH|/IOL = 9 mA (min) (VCC = 2.3 V)
|IOH|/IOL = 3 mA (min) (VCC = 1.65 V)
|IOH|/IOL = 1 mA (min) (VCC = 1.4 V)
(5) Ultra-small package: TSSOP16B
(6) Low power dissipation: By using the new circuit, the power consumption is reduced
significantly when OE = "H".
Suitable for battery-driven applications such as PDAs and cellular phones.
(7) Floating of A-bus and B-bus is permitted (when OE = "H").
(8) 3.6 V tolerance and power-down protection are provided to all inputs and outputs.




Similar Part No. - TC7MP3125FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MP3125FTG TOSHIBA-TC7MP3125FTG Datasheet
332Kb / 23P
Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
More results


Similar Description - TC7MP3125FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com