Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7MPB9327FT Datasheet (PDF) - Toshiba Semiconductor

TC7MPB9327FT Datasheet PDF - Toshiba Semiconductor
Part # TC7MPB9327FT
Download  TC7MPB9327FT Download
File Size   557.33 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low Voltage / Low Power Dual SPDT Supply Bus Switch

TC7MPB9327FT Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7MPB9327FT Datasheet PDF - Toshiba Semiconductor

Part # TC7MPB9327FT
Download  TC7MPB9327FT Click to download

File Size   557.33 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low Voltage / Low Power Dual SPDT Supply Bus Switch

TC7MPB9327FT Datasheet (HTML) - Toshiba Semiconductor


TC7MPB9327FT Product details

The TC7MPB9326 and TC7MPB9327 are CMOS dual
multiplexer/demultiplexer bus switches that can provide an interface
between two nodes at different voltage levels. These devices can be
connected to two independent power supplies. VCCA supports 1.8 V,
2.5 V and 3.3 V power supplies, whereas VCCB supports 2.5 V, 3.3 V
and 5.0 V power supplies.
Bidirectional level-shifting is possible by simply adding external
pull-up resistors between the A/Bn data lines and the VCCA / VCCB
supplies. There is no restriction on the relative magnitude of the A
and Bn voltages; both the 1A/2A and 1B1/1B2 ,2B1/2B2 data lines
can be pulled up to the arbitrary power supplies.
The Output Enable pin (OE) can be used to disable the device so
that the bus lines are effectively isolated.
This device consists of dual individual two-inputs
multiplexer/demultiplexer with a common select input (S) and an
output enable (OE:TC7MPB9326, OE :TC7MPB9327). The 1A/2A
inputs are connected to 1B1/1B2 and 2B1/2B2 outputs based on the
combination of select input and output enable.
For TC7MPB9326, it has an active high Output Enable (OE) :
When OE is High, the switch is on; when Low, the switch is turned
off. For the TC7MPB9327, it has an active low Output Enable (OE ) :
WhenOE is Low, the switch is turned on; whenOE is High, the
switch is off.
The TC7MPB9326 and TC7MPB9327 supports power-down
protection at the OE , OE input, with OE , OE being 5.5 V tolerant.
The channels consist of n-type MOSFETs.
All the inputs provide protection against electrostatic discharge.

Features
• Operating voltage:1.8 V to 2.5 V, 1.8 V to 3.3 V, 1.8 V to 5.0 V, 2.5 V to 3.3 V, 2.5 V to 5.0 V or 3.3 V to 5.0 V
bidirectional interface
• Operating voltage: VCCA = 1.65 to 5.0 V, VCCB = 2.3 to 5.5 V
• Low ON-resistance: RON = 5.0 Ω (typ.)@ VIS = 0 V, IIS = 30 mA, VCCA= 3.0 V , VCCB = 4.5 V
• ESD performance: Machine model ≥ ±200 V
Human body model ≥ ±2000 V
• 5.5 V tolerance and power-down protection at the Output Enable input.
• Packages: TSSOP14, VSSOP14(US14)




Similar Part No. - TC7MPB9327FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MPB9327FT TOSHIBA-TC7MPB9327FT Datasheet
353Kb / 16P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-06-22 Rev.5.0
More results


Similar Description - TC7MPB9327FT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4564 MAXIM-MAX4564 Datasheet
237Kb / 12P
Low-Voltage, Dual-Supply, SPDT Analog Switch with Enable
Rev 1; 10/03
MAX4736 MAXIM-MAX4736 Datasheet
332Kb / 11P
0.8?? Low-Voltage, Single-Supply, Dual SPDT Analog Switch
Rev 0; 4/02
logo
ON Semiconductor
NLAST4599 ONSEMI-NLAST4599 Datasheet
120Kb / 12P
Low Voltage Single Supply SPDT Analog Switch
November, 2002 - Rev. 6
NLAST4599 ONSEMI-NLAST4599_06 Datasheet
138Kb / 12P
Low Voltage Single Supply SPDT Analog Switch
May, 2006 ??Rev. 8
logo
Toshiba Semiconductor
TC7SP3066TU TOSHIBA-TC7SP3066TU Datasheet
186Kb / 10P
Low Voltage Dual Supply Single Bus Switch (analog)
TC7MPB9307FT TOSHIBA-TC7MPB9307FT Datasheet
255Kb / 13P
Low Voltage/Low Power 8-Bit Dual Supply Bus Switch
TC7SPB9306TU TOSHIBA-TC7SPB9306TU Datasheet
342Kb / 12P
Low Voltage / Low Power 1-Bit Dual Supply Bus Switch
TC7WPB9306FC TOSHIBA-TC7WPB9306FC Datasheet
372Kb / 13P
Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
logo
Maxim Integrated Produc...
MAX4564 MAXIM-MAX4564_12 Datasheet
316Kb / 11P
Low-Voltage, Dual-Supply,SPDT Analog Switch with Enable
Rev 2; 10/12
logo
ON Semiconductor
NLAS4599 ONSEMI-NLAS4599_11 Datasheet
132Kb / 11P
Low Voltage Single Supply SPDT Analog Switch
March, 2011 ??Rev. 11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com