Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPL14K60-S Datasheet (PDF) - STMicroelectronics

STGIPL14K60-S Datasheet PDF - STMicroelectronics
Part # STGIPL14K60-S
Download  STGIPL14K60-S Download
File Size   883.31 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SLLIMM™ (small low-loss intelligent molded module)IPM, 3-phase inverter, 15 A, 600 V short-circuit rugged IGBT

STGIPL14K60-S Datasheet (PDF)

Go To PDF Page Download Datasheet
STGIPL14K60-S Datasheet PDF - STMicroelectronics

Part # STGIPL14K60-S
Download  STGIPL14K60-S Click to download

File Size   883.31 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SLLIMM™ (small low-loss intelligent molded module)IPM, 3-phase inverter, 15 A, 600 V short-circuit rugged IGBT

STGIPL14K60-S Datasheet (HTML) - STMicroelectronics


STGIPL14K60-S Product details

Features
• IPM 15 A, 600 V 3-phase IGBT inverter bridge
including control ICs for gate driving and freewheeling
diodes
• Short-circuit rugged IGBTs
• VCE(sat) negative temperature coefficient
• 3.3 V, 5 V, 15 V CMOS/TTL inputs
comparators with hysteresis and pull down/pull
up resistors
• Undervoltage lockout
• Internal bootstrap diode
• Interlocking function
• Smart shut down function
• Comparators for fault protection against
overtemperature and overcurrent
• Op amps for advanced current sensing
• DBC substrate leading to low thermal
resistance
• Isolation rating of 2500 Vrms/min
• 5 kΩ NTC for temperature control
• UL Recognized: UL1557 file E81734

Applications
• 3-phase inverters for motor drives
• Home appliances, such as washing machines,
refrigerators, air conditioners and sewing
machines

Description
These intelligent power modules provides a
compact, high performance AC motor drive in a
simple, rugged design. Combining ST proprietary
control ICs with the most advanced short-circuitrugged
IGBT system technology, this device is
ideal for 3-phase inverters in applications such as
home appliances and air conditioners. SLLIMM™
is a trademark of STMicroelectronics.




Similar Part No. - STGIPL14K60-S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPL14K60 STMICROELECTRONICS-STGIPL14K60 Datasheet
485Kb / 21P
IGBT intelligent power module (IPM) 14 A, 600 V, DBC isolated SDIP-38L molded
14-Jun-2010
More results


Similar Description - STGIPL14K60-S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPS10K60T STMICROELECTRONICS-STGIPS10K60T Datasheet
934Kb / 20P
SLLIMM (small low-loss intelligent molded module) IPM, 3-phase inverter - 10 A, 600 V short-circuit rugged IGBT
30-Apr-2013
STGIPS30C60 STMICROELECTRONICS-STGIPS30C60 Datasheet
1Mb / 21P
SLLIMM small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
12-Jul-2013
STGIPS20C60 STMICROELECTRONICS-STGIPS20C60 Datasheet
1Mb / 21P
SLLIMM small low-loss intelligent molded moduleI PM, 3-phase inverter - 20 A, 600 V short-circuit rugged IGBT
16-Jul-2013
STGIPL20K60 STMICROELECTRONICS-STGIPL20K60 Datasheet
705Kb / 24P
SLLIMM??(small low-loss intelligent molded module) IPM, 3-phase inverter - 20 A, 600 V short-circuit rugged IGBT
17-Jun-2013
STGIPN3H60AT STMICROELECTRONICS-STGIPN3H60AT Datasheet
497Kb / 19P
SLLIMM™nano (small low-loss intelligent molded module) IPM, 3 A - 600 V 3-phase IGBT inverter bridge
30-Sep-2014
STGIPS30C60T-H STMICROELECTRONICS-STGIPS30C60T-H Datasheet
712Kb / 19P
SLLIMM™ small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
10-Apr-2015
STGIB10CH60S-L STMICROELECTRONICS-STGIB10CH60S-L Datasheet
545Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 15 A, 600 V short-circuit rugged IGBT
STGIF10CH60TS-LZ STMICROELECTRONICS-STGIF10CH60TS-LZ Datasheet
920Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 15 A, 600 V, short-circuit rugged IGBT
16-Feb-2022
STGIB10CH60S-XZ STMICROELECTRONICS-STGIB10CH60S-XZ Datasheet
628Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 15 A, 600 V short-circuit rugged IGBT
15-Nov-2021
STGIPL30C60 STMICROELECTRONICS-STGIPL30C60 Datasheet
742Kb / 23P
SLLIMM™ (small low-loss intelligent molded module) IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBT
12-Apr-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com