Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08003HS Datasheet (PDF) - YEONHO ELECTRONICS

08003HS Datasheet PDF - YEONHO ELECTRONICS
Part # 08003HS
Download  08003HS Download
File Size   379.69 Kbytes
Page   1 Pages
Manufacturer  YEONHO [YEONHO ELECTRONICS]
Direct Link  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS
Description 0.80 mm PITCH CONNECTOR

08003HS Datasheet (PDF)

Go To PDF Page Download Datasheet
08003HS Datasheet PDF - YEONHO ELECTRONICS

Part # 08003HS
Download  08003HS Click to download

File Size   379.69 Kbytes
Page   1 Pages
Manufacturer  YEONHO [YEONHO ELECTRONICS]
Direct Link  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS
Description 0.80 mm PITCH CONNECTOR

08003HS Datasheet (HTML) - YEONHO ELECTRONICS




Similar Part No. - 08003HS

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0800300 PHOENIX-0800300 Datasheet
6Mb / 76P
THERMOMARK LINE
0800300 PHOENIX-0800300 Datasheet
197Kb / 7P
WMS 2,4 (EX4)R YE - Shrink sleeve
0800301 PHOENIX-0800301 Datasheet
6Mb / 76P
THERMOMARK LINE
0800301 PHOENIX-0800301 Datasheet
196Kb / 7P
WMS 3,2 (EX5)R YE - Shrink sleeve
0800302 PHOENIX-0800302 Datasheet
6Mb / 76P
THERMOMARK LINE
More results


Similar Description - 08003HS

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTN2280-AG MARKTECH-MTN2280-AG Datasheet
45Kb / 1P
Marktech 0.80 Dual Digit
logo
Molex Electronics Ltd.
0467200016 MOLEX6-0467200016 Datasheet
1Mb / 14P
0.80 mm (.031") Pitch EdgeLine??12.5 Gbps Edge Card Connector, 108 Circuits, PCB Mating Thickness 1.57mm (.062")
0766933170 MOLEX9-0766933170 Datasheet
607Kb / 8P
0.80 mm (.031") Pitch EdgeLine??12.5 Gbps Edge Card Connector, 170 Circuits
0766931170 MOLEX9-0766931170 Datasheet
1Mb / 13P
0.80 mm (.031) Pitch EdgeLine??12.5 Gbps Edge Card Connector, 170 Circuits, PCB Mating Thickness 2.36mm (.093)
0766912108 MOLEX9-0766912108 Datasheet
570Kb / 8P
0.80 mm (.031) Pitch EdgeLine??12.5 Gbps Edge Card Connector, 108 Circuits, 3 Bays, PCB Mating Thickness 1.57mm (.062)
logo
LUMEX INC.
LDS-A812RI LUMEX-LDS-A812RI Datasheet
56Kb / 1P
0.80 SEVEN SEGMENT, LED DISPLAY
logo
PARA LIGHT ELECTRONICS ...
A-811G-PSN-A PARALIGHT-A-811G-PSN-A Datasheet
199Kb / 10P
0.80 INCH SINGLE DIGIT DISPLAY
logo
Shanghai Toplite Techno...
A-1608BUW-S TOPLITE-A-1608BUW-S Datasheet
398Kb / 7P
1.60*0.80 SMD
logo
Hubbell Incorporated.
YAITWS1814W HUBBELL-YAITWS1814W Datasheet
268Kb / 1P
Instant Tap Connector, 18-14 AWG, 0.80" L
logo
Samtec, Inc
SESDT SAMTEC-SESDT Datasheet
333Kb / 1P
(0.80 mm) .0315" PITCH • DISCRETE WIRE CABLE ASSEMBLY/COMPONENTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com