Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65608E Datasheet (PDF) - ATMEL Corporation

M65608E Datasheet PDF - ATMEL Corporation
Part # M65608E
Download  M65608E Download
File Size   340.55 Kbytes
Page   15 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM

M65608E Datasheet (PDF)

Go To PDF Page Download Datasheet
M65608E Datasheet PDF - ATMEL Corporation

Part # M65608E
Download  M65608E Click to download

File Size   340.55 Kbytes
Page   15 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM

M65608E Datasheet (HTML) - ATMEL Corporation


M65608E Product details

Description
The M65608E is a very low power CMOS static RAM organized as 131072 x 8 bits. Atmel brings the solution to applications where fast computing is as mandatory as low consumption, such as aerospace electronics, portable instruments, or embarked systems.
Utilizing an array of six transistors (6T) memory cells, the M65608E combines an extremely low standby supply current (Typical value = 0.2 µA) with a fast access time at 30 ns over the full military temperature range. The high stability of the 6T cell provides excellent protection against soft errors due to noise.
The M65608E is processed according to the methods of the latest revision of the MIL STD 883 (class B or S), ESA SCC 9000 or QML.

Features
• Operating Voltage: 5V
• Access Time: 30, 45 ns
• Very Low Power Consumption
   – Active: 250 mW (Typ)
   – Standby: 1 µW (Typ)
   – Data Retention: 0.5 µW (Typ)
• Wide Temperature Range: -55°C to +125°C
• 400 Mils Width Packages: FP32 and SB32
• TTL Compatible Inputs and Outputs
• Asynchronous
• Single 5V Supply
• Equal Cycle and Access Time
• Gated Inputs:
   – No Pull-up/down
   – Resistors Are Required
• QML Q and V with SMD 5962-89598
• ESCC B with Specification 9301/047




Similar Part No. - M65608E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M65608E ATMEL-M65608E Datasheet
1Mb / 16P
Rad. Tolerant 128K x 8 5-volts Very Low Power CMOS SRAM
M65608E ATMEL-M65608E Datasheet
798Kb / 16P
Rad. Tolerant 128Kx8, 5-Volt Very Low Power CMOS SRAM
M65608E ATMEL-M65608E_07 Datasheet
1Mb / 16P
Rad. Tolerant 128K x 8 5-volts Very Low Power CMOS SRAM
M65608E ATMEL-M65608E_09 Datasheet
798Kb / 16P
Rad. Tolerant 128Kx8, 5-Volt Very Low Power CMOS SRAM
M65608E ATMEL-M65608E_14 Datasheet
884Kb / 16P
Very Low Power Consumption
More results


Similar Description - M65608E

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1024B ALSC-AS7C1024B Datasheet
111Kb / 9P
5V 128K X 8 CMOS SRAM
AS7C1024C ALSC-AS7C1024C Datasheet
113Kb / 9P
5V 128K X 8 CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027_06 Datasheet
386Kb / 11P
Very Low Power CMOS SRAM 128K X 8 bit
logo
ATMEL Corporation
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65608E ATMEL-M65608E_07 Datasheet
1Mb / 16P
Rad. Tolerant 128K x 8 5-volts Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027_08 Datasheet
383Kb / 11P
Very Low Power CMOS SRAM 128K X 8 bit
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com