Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L010C6 Datasheet (PDF) - STMicroelectronics

STM32L010C6 Datasheet PDF - STMicroelectronics
Part # STM32L010C6
Download  STM32L010C6 Download
File Size   2246.42 Kbytes
Page   89 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,32-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC

STM32L010C6 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32L010C6 Datasheet PDF - STMicroelectronics

Part # STM32L010C6
Download  STM32L010C6 Click to download

File Size   2246.42 Kbytes
Page   89 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,32-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC

STM32L010C6 Datasheet (HTML) - STMicroelectronics


STM32L010C6 Product details

Features
• Ultra-low-power platform
– 1.8 V to 3.6 V power supply
– –40 to 85 °C temperature range
– 0.23 μA Standby mode (2 wakeup pins)
– 0.35 μA Stop mode (16 wakeup lines)
– 0.6 μA Stop mode + RTC + 8-Kbyte RAM
retention
– Down to 76 μA/MHz in Run mode
– 5 μs wakeup time (from Flash memory)
– 41 μA 12-bit ADC conversion at 10 ksps
• Core: Arm® 32-bit Cortex®-M0+
– From 32 kHz to 32 MHz
– 0.95 DMIPS/MHz
• Reset and supply management
– Ultra-low-power BOR (brownout reset) with
5 selectable thresholds
– Ultra-low-power POR/PDR
• Clock sources
– 0 to 32 MHz external clock
– 32 kHz oscillator for RTC with calibration
– High-speed internal 16 MHz factory-trimmed RC
(±1%)
– Internal low-power 37 kHz RC
– Internal multispeed low-power 65 kHz to
4.2 MHz RC
– PLL for CPU clock
• Pre-programmed bootloader
– USART, SPI supported
• Development support
– Serial wire debug supported
• 38 fast I/Os (31 I/Os 5-Volt tolerant)
• Memories
– 32-Kbyte Flash memory
– 8-Kbyte RAM
– 256 bytes of data EEPROM
– 20-byte backup register
– Sector protection against R/W operation
• Analog peripherals
– 12-bit ADC 1.14 Msps up to 10 channels (down
to 1.8 V)
• 7-channel DMA controller, supporting ADC, SPI,
I2C, USART and timers
• 4x peripherals communication interface
• 1x USART, 1x LPUART (low power)
• 1x SPI 16 Mbit/s
• 1x I2C (SMBus/PMBus)
• 7x timers: 1x 16-bit with up to 4 channels,
1x 16-bit with up to 2 channels, 1x 16-bit ultra-lowpower
timer, 1x SysTick, 1x RTC and 2x watchdogs
(independent/window)
• CRC calculation unit, 96-bit unique ID
• LFQFP48 package is ECOPACK2 compliant

Description
The ultra-low-power STM32L010C6 microcontroller incorporates the high-performance
Arm® Cortex®-M0+ 32-bit RISC core operating at 32 MHz, high-speed embedded memories
(32 Kbytes of Flash program memory, 256 bytes of data EEPROM and 8 Kbytes of RAM)
plus an extensive range of enhanced I/Os and peripherals.
The STM32L010C6 provides high power efficiency over a wide performance range. This is
achieved with a large choice of internal and external clock sources, internal voltage
adaptation, and several low-power modes.
The STM32L010C6 offers several analog features: one 12-bit ADC with hardware
oversampling, several timers, one low-power timer (LPTIM), two general-purpose 16-bit
timers, one RTC and one SysTick that can be used as timebases. The STM32L010C6 also
features two watchdogs, one watchdog with independent clock and window capability, and
one window watchdog based on the bus clock.
Moreover, the STM32L010C6 embeds standard and advanced communication interfaces:
one I2C, one SPI, one USART, and a low-power UART (LPUART).
The STM32L010C6 also includes a real-time clock and a set of backup registers that remain
powered in Standby mode.
The ultra-low-power STM32L010C6 operates from a 1.8 to 3.6 V power supply and in the
–40 to + 85 °C temperature range. A comprehensive set of power-saving modes allows the
design of low-power applications.




Similar Part No. - STM32L010C6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L010F4 STMICROELECTRONICS-STM32L010F4 Datasheet
1Mb / 91P
Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 16-Kbyte Flash memory, 2-Kbyte SRAM, 128-byte EEPROM, ADC
07-Aug-2019
STM32L010K4 STMICROELECTRONICS-STM32L010K4 Datasheet
1Mb / 91P
Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 16-Kbyte Flash memory, 2-Kbyte SRAM, 128-byte EEPROM, ADC
07-Aug-2019
STM32L010K8 STMICROELECTRONICS-STM32L010K8 Datasheet
1Mb / 92P
Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,64-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC
07-Aug-2019
STM32L010K8T6TR STMICROELECTRONICS-STM32L010K8T6TR Datasheet
1Mb / 92P
Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,64-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC
07-Aug-2019
STM32L010R8 STMICROELECTRONICS-STM32L010R8 Datasheet
1Mb / 92P
Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,64-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC
07-Aug-2019
More results


Similar Description - STM32L010C6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L031X4 STMICROELECTRONICS-STM32L031X4 Datasheet
1Mb / 118P
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
05-Apr-2016
STM32L071X8 STMICROELECTRONICS-STM32L071X8 Datasheet
1Mb / 136P
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
22-Mar-2016
logo
NXP Semiconductors
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
logo
STMicroelectronics
STM32L010F4 STMICROELECTRONICS-STM32L010F4 Datasheet
1Mb / 91P
Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 16-Kbyte Flash memory, 2-Kbyte SRAM, 128-byte EEPROM, ADC
07-Aug-2019
STM32L010K8 STMICROELECTRONICS-STM32L010K8 Datasheet
1Mb / 92P
Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,64-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC
07-Aug-2019
STM32L062K8 STMICROELECTRONICS-STM32L062K8_V01 Datasheet
1Mb / 124P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 64 KB Flash,8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC, AES
19-Aug-2020
STM32L082KB STMICROELECTRONICS-STM32L082KB Datasheet
1Mb / 132P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs, AES
06-Oct-2022
STM32L151X6-A STMICROELECTRONICS-STM32L151X6-A Datasheet
1Mb / 129P
Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
25-Apr-2016
STM32L151X6 STMICROELECTRONICS-STM32L151X6_V01 Datasheet
1Mb / 130P
Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
25-Aug-2017
STM32L010RB STMICROELECTRONICS-STM32L010RB Datasheet
1Mb / 89P
Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,128-Kbyte Flash memory, 20-Kbyte SRAM, 512-byte EEPROM, ADC
07-Aug-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com