Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2EZ100 Datasheet (PDF) - Pan Jit International Inc.

2EZ100 Datasheet PDF - Pan Jit International Inc.
Part # 2EZ100
Download  2EZ100 Download
File Size   122.85 Kbytes
Page   5 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 2.0 Watts)

2EZ100 Datasheet (PDF)

Go To PDF Page Download Datasheet
2EZ100 Datasheet PDF - Pan Jit International Inc.

Part # 2EZ100
Download  2EZ100 Click to download

File Size   122.85 Kbytes
Page   5 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 2.0 Watts)

2EZ100 Datasheet (HTML) - Pan Jit International Inc.


2EZ100 Product details

VOLTAGE 6.8 to 51 Volt POWER 2 Watt

FEATURES
• Low inductance
• Plastic package has Underwriters Laboratory Flammability
   Classification 94V-O
• High temperature soldering : 260°C /10 seconds at terminals
• Lead free in compliance with EU RoHS 2011/65/EU directive

MECHANICAL DATA
• Case: JEDEC DO-15, Molded plastic over passivated junction
• Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: Color band denotes cathode end
• Standard packing: 52mm tape
• Weight: 0.014 ounce, 0.0397 gram




Similar Part No. - 2EZ100

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
2EZ100 TRSYS-2EZ100 Datasheet
339Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10 Datasheet
53Kb / 3P
SILICON ZENER DIODES
2EZ100D10 EIC-2EZ100D10 Datasheet
96Kb / 3P
SILICON ZENER DIODES
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
SILICON ZENER DIODES
2EZ100D5 EIC-2EZ100D5 Datasheet
27Kb / 2P
SILICON ZENER DIODES
More results


Similar Description - 2EZ100

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5348B PANJIT-1N5348B Datasheet
306Kb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE- 11 to 200 Volts Power - 5.0 Watts)
1N5926B PANJIT-1N5926B Datasheet
81Kb / 3P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
1SMB2EZ11 PANJIT-1SMB2EZ11 Datasheet
126Kb / 5P
SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 2.0 Watts)
1SMB3EZ11 PANJIT-1SMB3EZ11 Datasheet
128Kb / 5P
SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 3.0 Watts)
1SMB5926 PANJIT-1SMB5926 Datasheet
87Kb / 3P
SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
1SMC5348 PANJIT-1SMC5348 Datasheet
122Kb / 5P
SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 5.0 Watts)
3EZ11 PANJIT-3EZ11 Datasheet
461Kb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES(VOLTAGE- 11 to 200 Volts Power - 3.0 Watts)
logo
Taiwan Semiconductor Co...
2M11Z TSC-2M11Z Datasheet
320Kb / 4P
2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M6.8Z TSC-2M6.8Z Datasheet
629Kb / 4P
2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M6.8Z TSC-2M6.8Z_13 Datasheet
260Kb / 6P
2.0 Watts Glass Passivated Junction Silicon Zener Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com