Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC94052 Datasheet (PDF) - Micrel Semiconductor

MIC94052 Datasheet PDF - Micrel Semiconductor
Part # MIC94052
Download  MIC94052 Download
File Size   62.93 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 84m??P-Channel MOSFET in SC-70-6 Final

MIC94052 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC94052 Datasheet PDF - Micrel Semiconductor

Part # MIC94052
Download  MIC94052 Click to download

File Size   62.93 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 84m??P-Channel MOSFET in SC-70-6 Final

MIC94052 Datasheet (HTML) - Micrel Semiconductor


MIC94052 Product details

General Description
The MIC94052/94053 are low on-resistance, 84mΩ(max) P-channel MOSFETs. They are housed in a Teeny™ SC-70-6 package.
Designed for high-side switch applications where space is critical, the MIC94052/3 exhibit a typical on-resistance of 70mΩ at 4.5V gate-to-source voltage. The devices operate down to 1.8V gate-to-source voltage. Their operating voltage range makes the MIC94052/3 ideal for Li Ion applications as well as other sub-5V load switch applications.

Features
• 1.8V to 5.5V input voltage range
• Low on-resistance P-channel MOSFET:
    70mΩ at VGS = 4.5V (typ)
    2A continuous current
• VGS pull-up resistor (MIC94053)
• Teeny™ SC-70-6 package
• –40°C to +150°C junction temperature range

Applications
• Load switch in portable applications:
    Cellular phones
    PDAs
    MP3 players
    Notebook PCs
    Barcode scanners




Similar Part No. - MIC94052

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94052BC6 MICREL-MIC94052BC6 Datasheet
230Kb / 5P
84m廓 P-Channel MOSFET in SC-70-6
MIC94052YC6 MICREL-MIC94052YC6 Datasheet
230Kb / 5P
84m廓 P-Channel MOSFET in SC-70-6
MIC94052 MICREL-MIC94052_08 Datasheet
230Kb / 5P
84m廓 P-Channel MOSFET in SC-70-6
More results


Similar Description - MIC94052

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBF2202PT1 ONSEMI-MMBF2202PT1 Datasheet
79Kb / 6P
Power MOSFET 300 mAmps, 20 Volts P-Channel SC-70/SOT-323
November, 2003 ??Rev. 4
logo
Micrel Semiconductor
MIC94060 MICREL-MIC94060 Datasheet
53Kb / 6P
100m SC-70-6 Smart Load Switch
logo
ON Semiconductor
MMBF2202PT1 ONSEMI-MMBF2202PT1_06 Datasheet
59Kb / 4P
Power MOSFET 300 mAmps, 20 Volts P-Channel SC-70/SOT-323
January, 2006 ??Rev. 5
NTS4101P ONSEMI-NTS4101P_06 Datasheet
128Kb / 5P
Power MOSFET -20 V, -1.37 A, Single P-Channel, SC-70
March, 2006 ??Rev. 2
logo
Eutech Microelectronics...
EUP7981 EUTECH-EUP7981 Datasheet
227Kb / 10P
150mA Low-Noise LDO in SC-70
logo
ON Semiconductor
SCH1331-TL-H ONSEMI-SCH1331-TL-H Datasheet
370Kb / 7P
P-Channel Power MOSFET 12V,3A, 84m Single SCH6
July, 2013
logo
Micrel Semiconductor
MIC94052 MICREL-MIC94052_08 Datasheet
230Kb / 5P
84m廓 P-Channel MOSFET in SC-70-6
logo
VBsemi Electronics Co.,...
VB2703K VBSEMI-VB2703K Datasheet
756Kb / 7P
P-Channel 70 V (D-S) MOSFET
VB2703K VBSEMI-VB2703K_V01 Datasheet
752Kb / 7P
P-Channel 70 V (D-S) MOSFET
logo
Nexperia B.V. All right...
PMT200EPE NEXPERIA-PMT200EPE Datasheet
290Kb / 15P
70 V, P-channel Trench MOSFET
14 March 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com