Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT1155 Datasheet (PDF) - Advanced Analogic Technologies

AAT1155 Datasheet PDF - Advanced Analogic Technologies
Part # AAT1155
Download  AAT1155 Download
File Size   389.83 Kbytes
Page   17 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 1MHz 2.5A Step-Down DC/DC Converter

AAT1155 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT1155 Datasheet PDF - Advanced Analogic Technologies

Part # AAT1155
Download  AAT1155 Click to download

File Size   389.83 Kbytes
Page   17 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 1MHz 2.5A Step-Down DC/DC Converter

AAT1155 Datasheet (HTML) - Advanced Analogic Technologies


AAT1155 Product details

General Description
The AAT1155 SwitchReg is a step-down switching converter ideal for applications where high efficiency, small size, and low ripple are critical. Able to deliver 2.5A with an internal power MOSFET, the current-mode controlled IC provides high efficiency. Fully internally compensated, the AAT1155 simplifies system design and lowers external parts count.
The AAT1155 is available in a Pb-free MSOP-8 package and is rated over the -40°C to +85°C temperature range.

Features
• 5.5V Max Supply Input
• Fixed or Adjustable VOUT: 1.0V to 4.2V
• 2.5A Output Current
• Up to 95% Efficiency
• Integrated Low On Resistance Power Switches
• Internally Compensated Current Mode Control
• 1MHz Switching Frequency
• Constant Pulse Width Modulation (PWM) Mode
• Low Output Ripple with Light Load
• Internal Soft Start
• Current Limit Protection
• Over-Temperature Protection
• MSOP-8 Package
• -40°C to +85°C Temperature Range

Applications
• Cable/DSL Modems
• Computer Peripherals
• High Efficiency Conversion from 5V or 3.3V Supply
• Network Cards
• Set-Top Boxes




Similar Part No. - AAT1155

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1155 ANALOGICTECH-AAT1155 Datasheet
536Kb / 17P
1MHz 2.5A Step-Down DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1155 SKYWORKS-AAT1155 Datasheet
1Mb / 18P
1MHz 2.5A Step-Down DC/DC Converter
February 7, 2013
logo
Advanced Analogic Techn...
AAT1155IKS-1.0-T1 ANALOGICTECH-AAT1155IKS-1.0-T1 Datasheet
536Kb / 17P
1MHz 2.5A Step-Down DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1155IKS-1.0-T1 SKYWORKS-AAT1155IKS-1.0-T1 Datasheet
1Mb / 18P
1MHz 2.5A Step-Down DC/DC Converter
February 7, 2013
logo
Advanced Analogic Techn...
AAT1155IKS-1.8-T1 ANALOGICTECH-AAT1155IKS-1.8-T1 Datasheet
536Kb / 17P
1MHz 2.5A Step-Down DC/DC Converter
More results


Similar Description - AAT1155

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1150 ANALOGICTECH-AAT1150 Datasheet
279Kb / 16P
1MHz 1A Step-Down DC/DC Converter
AAT2510 ANALOGICTECH-AAT2510 Datasheet
614Kb / 20P
Dual 400mA, 1MHz Step-Down DC-DC Converter
AAT1156 ANALOGICTECH-AAT1156 Datasheet
425Kb / 14P
1MHz 700mA Step-Down DC-DC Converter
AAT1150 ANALOGICTECH-AAT1150_06 Datasheet
662Kb / 17P
1MHz 1A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_06 Datasheet
562Kb / 16P
1MHz 3A Step-Down DC/DC Converter
AAT1155 ANALOGICTECH-AAT1155_06 Datasheet
536Kb / 17P
1MHz 2.5A Step-Down DC/DC Converter
AAT1156 ANALOGICTECH-AAT1156_07 Datasheet
624Kb / 15P
1MHz 700mA Step-Down DC-DC Converter
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
1MHz 3A Step-Down DC/DC Converter
logo
Skyworks Solutions Inc.
AAT2511 SKYWORKS-AAT2511 Datasheet
1Mb / 19P
Dual 600mA, 1MHz Step-Down DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN28 SIGE-AATIAN28 Datasheet
130Kb / 6P
1MHz 2.5A Buck DC/DC Converter
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com