Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7USB42FT Datasheet (PDF) - Toshiba Semiconductor

TC7USB42FT Datasheet PDF - Toshiba Semiconductor
Part # TC7USB42FT
Download  TC7USB42FT Download
File Size   246.96 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

TC7USB42FT Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7USB42FT Datasheet PDF - Toshiba Semiconductor

Part # TC7USB42FT
Download  TC7USB42FT Click to download

File Size   246.96 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

TC7USB42FT Datasheet (HTML) - Toshiba Semiconductor


TC7USB42FT Product details

1. Functional Description
• Dual SPDT USB Switch
2. General
The TC7USB42FT is high-speed CMOS dual 1-2 multiplexer/demultiplexer. The low ON-resistance and the low
capacitance of the switch allow connections to USB2.0 (480Mbps) application.
This device consists of dual individual two-inputs multiplexer/demultiplexer with common select input (S) and
output enable (OE). The D+/D- inputs is connected to the 1D+/1D- or 2D+/2D- outputs determined by the
combination both the select input (S) and output enable (OE). When the output enable (OE) input is held high
level, the switches are open with regardless the state of select inputs and a high-impedance state exists between
the switches.
All inputs are equipped with protection circuits against static discharge.
3. Features
(1) Supply voltage: VCC = 2.3 to 4.3 V
(2) Switch terminal ON-capacitance: CI/O = 5 pF Switch ON (typ.) @VCC = 3.3 V
(3) ON-resistance: RON = 4.5 Ω (typ.) @VCC = 3 V, VIS = 0 V
(4) RON flatness: RON(flat) = 1.3 Ω (typ.)@VCC = 3 V
(5) Difference of ON-resistance between switches: ΔRON = 0.35 Ω (typ.)@VCC = 3 V
(6) ESD performance: Machine model ≥ ±200 V, Human body model ≥ ±8000 V
(7) Power-down protection provided on all inputs and outputs.
(8) Package: TSSOP14




Similar Part No. - TC7USB42FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7USB42MU TOSHIBA-TC7USB42MU Datasheet
323Kb / 14P
CMOS Digital Integrated Circuits Silicon Monolithic
2020-06-16 Rev.4.0
More results


Similar Description - TC7USB42FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com