Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP302 Datasheet (PDF) - Pan Jit International Inc.

CP302 Datasheet PDF - Pan Jit International Inc.
Part # CP302
Download  CP302 Download
File Size   62.42 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A, HEAT-SINK MTG 3A(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)

CP302 Datasheet (PDF)

Go To PDF Page Download Datasheet
CP302 Datasheet PDF - Pan Jit International Inc.

Part # CP302
Download  CP302 Click to download

File Size   62.42 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A, HEAT-SINK MTG 3A(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)

CP302 Datasheet (HTML) - Pan Jit International Inc.


CP302 Product details

VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes



FEATURES

• Surge overload rating—50 Amperes peak

• Low forward voltage drop and reverse leakage

• Small size, simple installation

• Plastic package has Underwriter Laboratory

  Flammability Classification 94V-O

• Reliable low cost construction utilizing molded plastic technique



 




Similar Part No. - CP302

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
CP302 TRSYS-CP302 Datasheet
123Kb / 2P
SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A, HEAT-SINK MTG 3A
logo
Central Semiconductor C...
CP302 CENTRAL-CP302 Datasheet
450Kb / 2P
Small Signal Transistor NPN - Silicon RF Transistor Chip
CP302-MPSH10 CENTRAL-CP302-MPSH10 Datasheet
642Kb / 5P
NPN - RF Transistor Die 50mA, 25 Volt
R2 9-November 2017
CP302-MPSH10-CT CENTRAL-CP302-MPSH10-CT Datasheet
642Kb / 5P
NPN - RF Transistor Die 50mA, 25 Volt
R2 9-November 2017
CP302-MPSH10-CT20 CENTRAL-CP302-MPSH10-CT20 Datasheet
642Kb / 5P
NPN - RF Transistor Die 50mA, 25 Volt
R2 9-November 2017
More results


Similar Description - CP302

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CP1000 PANJIT-CP1000 Datasheet
56Kb / 2P
SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 10A)
CP600 PANJIT-CP600 Datasheet
32Kb / 2P
VOLTAGE 50 to 1000 Volts CURRENT - P.C. MTG 3A , HEAT-SINK MTG 6A
CP800 PANJIT-CP800 Datasheet
59Kb / 2P
SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 8A)
logo
Transys Electronics
CP300 TRSYS-CP300 Datasheet
123Kb / 2P
SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A, HEAT-SINK MTG 3A
CP600 TRSYS-CP600 Datasheet
112Kb / 2P
SINGLE-PHASE SILICON BRIDGE-P.C. MTG 3A, HEAR-SINK MTG 6A
logo
DAESAN ELECTRONIC CORP.
1N5400 DAESAN-1N5400 Datasheet
213Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC3005 DAESAN-KBPC3005 Datasheet
178Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301 DAESAN-FR301 Datasheet
312Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301G DAESAN-HER301G Datasheet
306Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Kingtronics Internation...
D3UB05-THRU-D3UB100 KINGTRONICS-D3UB05-THRU-D3UB100 Datasheet
392Kb / 2P
Single Phase 3.0 AMPS.Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 3.0 Amperes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com