Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP601 Datasheet (PDF) - Pan Jit International Inc.

CP601 Datasheet PDF - Pan Jit International Inc.
Part # CP601
Download  CP601 Download
File Size   32.34 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description VOLTAGE 50 to 1000 Volts CURRENT - P.C. MTG 3A , HEAT-SINK MTG 6A

CP601 Datasheet (PDF)

Go To PDF Page Download Datasheet
CP601 Datasheet PDF - Pan Jit International Inc.

Part # CP601
Download  CP601 Click to download

File Size   32.34 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description VOLTAGE 50 to 1000 Volts CURRENT - P.C. MTG 3A , HEAT-SINK MTG 6A

CP601 Datasheet (HTML) - Pan Jit International Inc.


CP601 Product details

VOLTAGE 50 to 1000 Volts CURRENT - P.C. MTG 3A , HEAT-SINK MTG 6A



FEATURES

• Plastic package has Underwriters Laboratory

  Flammability Classification 94V-O.

• Surge Overload Ratings to 125 Amperes.

• Low forward voltage, and reverse leakage.

• Small size , simple installation.

• Reliable low cost construction utilizing molded plastic technique.



 




Similar Part No. - CP601

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
CP601 TRSYS-CP601 Datasheet
112Kb / 2P
SINGLE-PHASE SILICON BRIDGE-P.C. MTG 3A, HEAR-SINK MTG 6A
logo
Multicomp Pro
CP601 MULTICOMP-CP601 Datasheet
179Kb / 3P
Single Phase Bridge Rectifier CP6 Series
09/006/12 V1.1
logo
CUI INC
CP60131H CUI-CP60131H Datasheet
946Kb / 10P
PELTIER MODULE
CP60131H CUI-CP60131H Datasheet
948Kb / 10P
PELTIER MODULE
CP60131H CUI-CP60131H Datasheet
2Mb / 22P
PELTIER MODULE
11/12/2020
More results


Similar Description - CP601

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CP1000 PANJIT-CP1000 Datasheet
56Kb / 2P
SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 10A)
CP300 PANJIT-CP300 Datasheet
62Kb / 2P
SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A, HEAT-SINK MTG 3A(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
CP800 PANJIT-CP800 Datasheet
59Kb / 2P
SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 8A)
logo
Transys Electronics
CP300 TRSYS-CP300 Datasheet
123Kb / 2P
SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A, HEAT-SINK MTG 3A
CP600 TRSYS-CP600 Datasheet
112Kb / 2P
SINGLE-PHASE SILICON BRIDGE-P.C. MTG 3A, HEAR-SINK MTG 6A
logo
List of Unclassifed Man...
MTG-24128A ETC-MTG-24128A Datasheet
90Kb / 1P
MTG 24128A
logo
Microchip Technology
MTG-12864A MICROCHIP-MTG-12864A Datasheet
91Kb / 1P
MTG-12864A
MTG-32240A MICROCHIP-MTG-32240A Datasheet
75Kb / 1P
MTG-32240A
logo
List of Unclassifed Man...
MTG-12232D ETC-MTG-12232D Datasheet
78Kb / 1P
MTG-12232D
MTG-12232C ETC1-MTG-12232C Datasheet
72Kb / 1P
MTG-12232C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com