Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1070P Datasheet (PDF) - Vishay Siliconix

T1070P Datasheet PDF - Vishay Siliconix
Part # T1070P
Download  T1070P Download
File Size   87.47 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon NPN Phototransistor

T1070P Datasheet (PDF)

Go To PDF Page Download Datasheet
T1070P Datasheet PDF - Vishay Siliconix

Part # T1070P
Download  T1070P Click to download

File Size   87.47 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon NPN Phototransistor

T1070P Datasheet (HTML) - Vishay Siliconix


T1070P Product details

DESCRIPTION
T1070P ambient light sensor chip is a silicon NPN epitaxial
planar phototransistor. It is sensitive to visible light much like
the human eye and has peak sensitivity at 570 nm.

GENERAL INFORMATION
The datasheet is based on Vishay optoelectronics sample testing under certain predetermined and assumed conditions, and is
provided for illustration purpose only. Customers are encouraged to perform testing in actual proposed packaged and used
conditions. Vishay optoelectronics die products are tested using Vishay optoelectronics based quality assurance procedures
and are manufactured using Vishay optoelectronics established processes. Estimates such as those described and set forth in
this datasheet for semiconductor die will vary depending on a number of packaging, handling, use, and other factors. Therefore
sold die may not perform on an equivalent basis to standard package products.

FEATURES
• Package type: chip
• Package form: single chip
• Dimensions (L x W x H in mm): 0.72 x 0.72 x 0.22
• Wafer diameter (in mm): 100
• Radiant sensitive area (in mm2): 0.25
• High photo sensitivity
• Suitable for visible light
• Fast response times
• Angle of half sensitivity: ϕ = ± 60°
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Ambient light sensor
• Backlight dimmer




Similar Part No. - T1070P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T1070P VISHAY-T1070P Datasheet
91Kb / 4P
Silicon NPN Phototransistor
23-Mar-11
T1070P VISHAY-T1070P Datasheet
90Kb / 4P
Silicon NPN Phototransistor
29-Sep-14
T1070P VISHAY-T1070P Datasheet
132Kb / 4P
Silicon NPN Phototransistor
26-Sep-14
T1070P-SD-F VISHAY-T1070P-SD-F Datasheet
91Kb / 4P
Silicon NPN Phototransistor
23-Mar-11
T1070P-SD-F VISHAY-T1070P-SD-F Datasheet
90Kb / 4P
Silicon NPN Phototransistor
29-Sep-14
More results


Similar Description - T1070P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
Silicon NPN Phototransistor
24-May-02
BPW17N VISHAY-BPW17N_05 Datasheet
348Kb / 7P
Silicon NPN Phototransistor
08-Mar-05
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
Silicon NPN Phototransistor,
08-Sep-08
BPW96B VISHAY-BPW96B Datasheet
109Kb / 5P
Silicon NPN Phototransistor
05-Sep-08
VEMT2000X01 VISHAY-VEMT2000X01 Datasheet
138Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT2500X01 VISHAY-VEMT2500X01_11 Datasheet
140Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT3700F VISHAY-VEMT3700F_10 Datasheet
127Kb / 6P
Silicon NPN Phototransistor
14-Jul-10
VEMT2523SLX01 VISHAY-VEMT2523SLX01 Datasheet
135Kb / 6P
Silicon NPN Phototransistor
05-Apr-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com