Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEST2600 Datasheet (PDF) - Vishay Siliconix

TEST2600 Datasheet PDF - Vishay Siliconix
Part # TEST2600
Download  TEST2600 Download
File Size   97.46 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon NPN Phototransistor, RoHS Compliant

TEST2600 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEST2600 Datasheet PDF - Vishay Siliconix

Part # TEST2600
Download  TEST2600 Click to download

File Size   97.46 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon NPN Phototransistor, RoHS Compliant

TEST2600 Datasheet (HTML) - Vishay Siliconix


TEST2600 Product details

DESCRIPTION
TEST2600 is a silicon NPN phototransistor with high radiant
sensitivity in black, miniature, side view plastic package with
daylight blocking filter. Filter bandwidth is matched with
900 nm to 950 nm IR emitters.

FEATURES
• Package type: leaded
• Package form: side view
• Dimensions (L x W x H in mm): 3.6 x 2.2 x 3.4
• High radiant sensitivity
• Daylight blocking filter matches with 940 nm
emitters
• Fast response times
• Angle of half sensitivity: ϕ1 = ± 30°, horizontal
• Package matches with IR emitter series TSSS2600
• Lead (Pb)-free component in accordance with
RoHS 2002/95/EC and WEEE 2002/96/EC

APPLICATIONS
• Optical switches
• Counters and sorters
• Interrupters
• Tape and card readers
• Encoders
• Position sensors




Similar Part No. - TEST2600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEST2600 VISHAY-TEST2600 Datasheet
98Kb / 5P
Silicon NPN Phototransistor
20-May-99
TEST2600 VISHAY-TEST2600 Datasheet
105Kb / 5P
Silicon NPN Phototransistor, RoHS Compliant
08-Sep-08
TEST2600 VISHAY-TEST2600 Datasheet
97Kb / 5P
Silicon NPN Phototransistor, RoHS Compliant
08-Sep-08
TEST2600 VISHAY-TEST2600_08 Datasheet
105Kb / 5P
Silicon NPN Phototransistor, RoHS Compliant
08-Sep-08
TEST2600 VISHAY-TEST2600_V02 Datasheet
97Kb / 5P
Silicon NPN Phototransistor, RoHS Compliant
08-Sep-08
More results


Similar Description - TEST2600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEMT3700F VISHAY-VEMT3700F Datasheet
139Kb / 6P
Silicon NPN Phototransistor, RoHS Compliant
04-Sep-08
VEMT4700 VISHAY-VEMT4700 Datasheet
143Kb / 7P
Silicon NPN Phototransistor, RoHS Compliant
04-Sep-08
TEMT3700 VISHAY-TEMT3700_08 Datasheet
136Kb / 6P
Silicon NPN Phototransistor, RoHS Compliant
10-Oct-08
TEST2600 VISHAY-TEST2600_08 Datasheet
105Kb / 5P
Silicon NPN Phototransistor, RoHS Compliant
08-Sep-08
TEMT1000 VISHAY-TEMT1000_V01 Datasheet
197Kb / 9P
Silicon NPN Phototransistor, RoHS Compliant
29-Jun-11
BPW77NA VISHAY-BPW77NA_V01 Datasheet
140Kb / 5P
Silicon NPN Phototransistor, RoHS Compliant
08-Sep-08
BPW77NA VISHAY-BPW77NA_V02 Datasheet
141Kb / 5P
Silicon NPN Phototransistor, RoHS Compliant
08-Sep-08
TEST2600 VISHAY-TEST2600_V02 Datasheet
97Kb / 5P
Silicon NPN Phototransistor, RoHS Compliant
08-Sep-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com