Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLVG4200 Datasheet (PDF) - Vishay Siliconix

TLVG4200 Datasheet PDF - Vishay Siliconix
Part # TLVG4200
Download  TLVG4200 Download
File Size   154.62 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Backlighting LED in Ø 3 mm Tinted Non-Diffused Package

TLVG4200 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLVG4200 Datasheet PDF - Vishay Siliconix

Part # TLVG4200
Download  TLVG4200 Click to download

File Size   154.62 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Backlighting LED in Ø 3 mm Tinted Non-Diffused Package

TLVG4200 Datasheet (HTML) - Vishay Siliconix


TLVG4200 Product details

DESCRIPTION
The TLV.420. series was developed for backlighting. Due to
its special shape the spatial distribution of the radiation is
qualified for backlighting.
To optimize the brightness of backlighting a custom-built
reflector (with scattering) is required. Uniform illumination
can be enhanced by covering the front of the reflector with
diffusor material.
This is a flexible solution for backlighting different areas.

PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: 3 mm backlighting
• Product series: standard
• Angle of half intensity: ± 85°

FEATURES
• High light output
• Wide viewing angle
• Categorized for luminous flux
• Tinted clear package
• Low power dissipation
• Low self heating
• Rugged design
• High reliability
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Backlighting of display panels, LCD displays, symbols
on switches, keyboards, graphic boards, and measuring
scales
• Illumination of large areas e.g. dot matrix displays




Similar Part No. - TLVG4200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLVG4200 VISHAY-TLVG4200 Datasheet
172Kb / 10P
Tinted clear package
14-Oct-14
TLVG4200 VISHAY-TLVG4200 Datasheet
169Kb / 9P
Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
15-Sep-2021
TLVG4200 VISHAY-TLVG4200 Datasheet
155Kb / 7P
Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
05-Jul-2022
TLVG4200 VISHAY-TLVG4200_V01 Datasheet
155Kb / 7P
Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
05-Jul-2022
More results


Similar Description - TLVG4200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLVB4200 VISHAY-TLVB4200_V01 Datasheet
485Kb / 5P
Backlighting Blue LED, Ø 3 mm Tinted Non-Diffused Package
14-Oct-14
TLVD4200 VISHAY-TLVD4200_V01 Datasheet
196Kb / 6P
DH Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
27-Jan-15
TLVD42 VISHAY-TLVD42_V01 Datasheet
145Kb / 5P
DH Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
15-Sep-2021
TLVH42N2Q2 VISHAY-TLVH42N2Q2_V01 Datasheet
148Kb / 5P
Backlighting LED, Ø 3 mm Tinted Non-Diffused Package
15-Sep-2021
TLVP420 VISHAY-TLVP420_V01 Datasheet
169Kb / 9P
Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
15-Sep-2021
TLVY42N1P2-34 VISHAY-TLVY42N1P2-34_V01 Datasheet
141Kb / 5P
Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
14-Oct-14
TLHK4200 VISHAY-TLHK4200_V02 Datasheet
111Kb / 5P
High Intensity LED in Ø 3 mm Tinted Non-Diffused Package
17-May-2019
TLVD4200 VISHAY-TLVD4200_V02 Datasheet
195Kb / 6P
DH Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
27-Jan-15
TLVG4200 VISHAY-TLVG4200_V01 Datasheet
155Kb / 7P
Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
05-Jul-2022
TLVY42N1P2-34 VISHAY-TLVY42N1P2-34_V02 Datasheet
141Kb / 5P
Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
14-Oct-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com