Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9146P Datasheet (PDF) - Toshiba Semiconductor

TC9146P Datasheet PDF - Toshiba Semiconductor
Part # TC9146P
Download  TC9146P Download
File Size   267.8 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DTS-8 Static system FM/MW/LW 3 bands M/MW/LW3 LSI for digital tuning system

TC9146P Datasheet (PDF)

Go To PDF Page Download Datasheet
TC9146P Datasheet PDF - Toshiba Semiconductor

Part # TC9146P
Download  TC9146P Click to download

File Size   267.8 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DTS-8 Static system FM/MW/LW 3 bands M/MW/LW3 LSI for digital tuning system

TC9146P Datasheet (HTML) - Toshiba Semiconductor


TC9146P Product details

TO9146AP / TC9147F is a PLL synthesizer type
PLL circuit for digital tuning system
System with one-chip control circuit
It's LBI.
The reception band in the European region is FM/MW/LW.
configuration.
Adopting a static method for the input/output part,
We are planning to simplify the improvement design.
Due to differences in display methods.

TC9146AP : Analog display with 16 dots Add
TO9147F : TD6301AP digital with indicator display There are two types of
There are two types of
The PLL circuit and the control circuit are integrated into one chip.
It can correspond to each region of Japan, the United States, and Europe, and has three bands of PM/MW/LW in the European region. in the Japan-U.S. region
FM/AM(MW) 2 band configuration.
control key.
Built-in preset memory of 16 stations, various application methods are possible. Also, the last of each band
It also has number memory and last channel memory.
TC9146AP has 6 stations each for PM/AM (MW + LW) preset memory.
The auto stop circuit has been enhanced, and sufficient consideration has been given to the stop during auto search operation.
I'm here.
It has a built-in LED driver for display, and almost no external components are required.
For PM, combine with the prescaler TD6104P to form a swallow counter and set the reference frequency to
The improvement of the performance is measured as 25kHz.
All of the various operation displays are static.
number display,




Similar Part No. - TC9146P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9146AP TOSHIBA-TC9146AP Datasheet
2Mb / 28P
TC9146AP, TC9147BP
More results


Similar Description - TC9146P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2057N TOSHIBA-TA2057N Datasheet
602Kb / 18P
AM/FM IFFM ST DET (FOR DIGITAL TUNING SYSTEM)
TA2099N TOSHIBA-TA2099N Datasheet
697Kb / 19P
AM/FM IFFM STEREO DETECTOR (FOR DIGITAL TUNING SYSTEM)
TA8176SN TOSHIBA-TA8176SN Datasheet
409Kb / 12P
FM FRONT END (FOR DIGITAL TUNING SYSTEM
logo
Daewoo Semiconductor
DMC4001 DAEWOO-DMC4001 Datasheet
3Mb / 74P
PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
DMC4002 DAEWOO-DMC4002 Datasheet
6Mb / 74P
PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
logo
Toshiba Semiconductor
TA8132AN TOSHIBA-TA8132AN Datasheet
1Mb / 21P
3V AM / FM IF MPX (For Digital Tuning System)
logo
NEC
UPD1708AG-011 NEC-UPD1708AG-011 Datasheet
746Kb / 28P
PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
logo
Silan Microelectronics ...
SA1140 SILAN-SA1140 Datasheet
424Kb / 6P
FM RADIO IC FOR DIGITAL TUNING SYSTEM
SC72131 SILAN-SC72131 Datasheet
215Kb / 10P
PLL FOR DIGITAL TUNING SYSTEM(DTS)
logo
Sony Corporation
ICF-SW7600GR SONY-ICF-SW7600GR Datasheet
2Mb / 28P
FM STEREO/SW/MW/LW PLL SYNTHESIZED RECEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com