Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9293N Datasheet (PDF) - Toshiba Semiconductor

TC9293N Datasheet PDF - Toshiba Semiconductor
Part # TC9293N
Download  TC9293N Download
File Size   366.54 Kbytes
Page   17 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Σ-∆ Modulation System DA Converter with Analog Filter

TC9293N Datasheet (PDF)

Go To PDF Page Download Datasheet
TC9293N Datasheet PDF - Toshiba Semiconductor

Part # TC9293N
Download  TC9293N Click to download

File Size   366.54 Kbytes
Page   17 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Σ-∆ Modulation System DA Converter with Analog Filter

TC9293N Datasheet (HTML) - Toshiba Semiconductor


TC9293N Product details

TC9293F, TC9293FN, TC9293N are a 2’nd order Σ-∆
modulation system 1 bit DA converter with a built-in 8 times over
sampling digital filter and analog filter developing for digital
audio equipment. As this IC is small package, SSOP24 (1.00 mm,
0.65 mm) and SDIP24, and the analog filter has been
incorporated, it is able to output a direct analog wave form and
construct small the digital filter~the analog output unit at a low
price.

Features
• Built in 8 times over sampling digital filter
• Low voltage operate (3.0~5.5 V)
• Built-in digital de-emphasis filter
• In serial control mode, output amplitude can be set in 128
steps of resolution using microcontroller command
• In parallel control mode, soft mute can be set for the output
signal in 64 steps in 20 ms
• Over sampling ratio (OSR) of Σ-∆ modulation circuit is 192 fs
• Support double speed operation
• Sampling frequency: 32 kHz, 44.1 kHz, 48 kHz
• Built-in 2’nd order analog filter
• Characteristics of the digital filter and DA converter are as
follows




Similar Part No. - TC9293N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9293FN TOSHIBA-TC9293FN Datasheet
577Kb / 18P
Modulation System DA converter with analog Filter
More results


Similar Description - TC9293N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2009F TOSHIBA-TA2009F Datasheet
261Kb / 7P
FILTER IC FOR 誇-? MODULATION SYSTEM DA CONVERTER
TA2063F TOSHIBA-TA2063F Datasheet
230Kb / 6P
FILTER IC FOR 誇-? MODULATION SYSTEM DA CONVERTER
logo
fujitsu semiconductor
MB40166 FUJITSU-MB40166 Datasheet
697Kb / 20P
AD/DA CONVERTER
logo
KEC(Korea Electronics)
KIA2028F KEC-KIA2028F Datasheet
101Kb / 4P
BIPOLAR LINEAR INTEGRATED CIRCUIT (FILTER IC FOR MODULATION SYSTEM DA CONVERTER)
logo
Toshiba Semiconductor
TC9237BF TOSHIBA-TC9237BF Datasheet
596Kb / 15P
MODULATION SYSTEM DA CONVERTER WITH BUILT IN DIGITAL FILTER
TC9404FN TOSHIBA-TC9404FN Datasheet
589Kb / 15P
MODULATION SYSTEM DA CONVERTER WITH ANALOG FILTER
TC9404FNG TOSHIBA-TC9404FNG Datasheet
370Kb / 15P
誇-? Modulation System DA Converter with Analog Filter
logo
Roithner LaserTechnik G...
LDM-375-10-TEC-M ROITHNER-LDM-375-10-TEC-M Datasheet
145Kb / 1P
ttl or analog modulation
logo
Toshiba Semiconductor
TC9293FN TOSHIBA-TC9293FN Datasheet
577Kb / 18P
Modulation System DA converter with analog Filter
TC9470FN TOSHIBA-TC9470FN Datasheet
259Kb / 19P
Modulation DA Converter with Built-in 8-Times Oversampling Digital Filter/Dynamic Digital Bass Boost/Analog Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com