Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCD1706D Datasheet (PDF) - Toshiba Semiconductor

TCD1706D Datasheet PDF - Toshiba Semiconductor
Part # TCD1706D
Download  TCD1706D Download
File Size   208.57 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)

TCD1706D Datasheet (PDF)

Go To PDF Page Download Datasheet
TCD1706D Datasheet PDF - Toshiba Semiconductor

Part # TCD1706D
Download  TCD1706D Click to download

File Size   208.57 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)

TCD1706D Datasheet (HTML) - Toshiba Semiconductor


TCD1706D Product details

The TCD1706D is a high sensitive and low dark current 7400
elements CCD image sensor.
The sensor is designed for facsimile, imagescanner and OCR.
The device contains a row of 7400 elements photodiodes which
provide a 24 lines/mm (600DPI) across a A3 size paper. The
device is operated by 5 V (pulse), and 12 V power supply.

Features
 Number of image sensing elements: 7400 elements
 Image sensing element size:
4.7 m by 4.7 m on 4.7 m centers
 Photo sensing region:
High sensitive and low voltage dark signal pn photodiode
 Clock: 2 phase (5 V)
 Package: 22 pin cerdip




Similar Part No. - TCD1706D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD1706DG TOSHIBA-TCD1706DG Datasheet
261Kb / 11P
TOSHIBA CCD Linear Image Sensor CCD (Charge Coupled Device)
2004-03-18
More results


Similar Description - TCD1706D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD2561D TOSHIBA-TCD2561D Datasheet
264Kb / 16P
TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)
TCD2000P TOSHIBA-TCD2000P Datasheet
261Kb / 11P
TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD1001P TOSHIBA-TCD1001P Datasheet
288Kb / 11P
TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD1707D TOSHIBA-TCD1707D Datasheet
399Kb / 11P
CCD LINEAR IMAGE SENSOR CCD (CHARGE COUPLED DEVICE)
TCD2558D TOSHIBA-TCD2558D Datasheet
244Kb / 15P
TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)
TCD1304DG TOSHIBA-TCD1304DG Datasheet
491Kb / 15P
TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD2560D TOSHIBA-TCD2560D Datasheet
285Kb / 15P
TOSHIBA CCD Image Sensor CCD (charge coupled device)
TCD1709D TOSHIBA-TCD1709D Datasheet
222Kb / 13P
TOSHIBA CCD Linear Image Sensor CCD (Charge Coupled Device)
TCD1201DG TOSHIBA-TCD1201DG Datasheet
461Kb / 12P
TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
2004-02-09
TCD1706DG TOSHIBA-TCD1706DG Datasheet
261Kb / 11P
TOSHIBA CCD Linear Image Sensor CCD (Charge Coupled Device)
2004-03-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com