Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCK1024G Datasheet (PDF) - Toshiba Semiconductor

TCK1024G Datasheet PDF - Toshiba Semiconductor
Part # TCK1024G
Download  TCK1024G Download
File Size   696.52 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Load Switch IC with Over current limited function

TCK1024G Datasheet (PDF)

Go To PDF Page Download Datasheet
TCK1024G Datasheet PDF - Toshiba Semiconductor

Part # TCK1024G
Download  TCK1024G Click to download

File Size   696.52 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Load Switch IC with Over current limited function

TCK1024G Datasheet (HTML) - Toshiba Semiconductor


TCK1024G Product details

The TCK22xxxG, TCK2065G and TCK1024G are Load Switch ICs for power management with Over Current Limited function featuring low switch on resistance, ultra low quiescent current, high output current and wide input voltage range. Typical switch ON resistance is only 31 mΩ at VIN = 5.0 V, IOUT = -0.15 A load conditions. And these feature a thermal shut down function and output auto-discharge function.
These devices are available in 0.4 mm pitch ultra small package WCSP6E (0.8 mm x 1.2 mm, t: 0.55 mm). So these devices are ideal for portable applications that require high-density board assembly such as cellular phone.

Feature
 Over current limit function
ICL = 400/740/1110/1540 mA (Option)
 Thermal shutdown function
 Inrush current reduction
 Output auto-discharge function
 True reverse current blocking function(Option)
 Under voltage lockout function(Option)
 Low ON resistance :
RON = 31 mΩ (typ.) at VIN = 5.0 V, IOUT = -0.15 A
RON = 40 mΩ (typ.) at VIN = 3.3 V, IOUT = -0.15 A
RON = 70 mΩ (typ.) at VIN = 1.8 V, IOUT = -0.15 A
 Low quiescent current: IQ = 25 μA (typ.) at VIN = 5.5 V, IOUT = 0 mA
 Pull down connection between CONTROL and GND
 Ultra small package : WCSP6E (0.8 mm x 1.2 mm, t: 0.55 mm)




Similar Part No. - TCK1024G

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TCK102 TRACOPOWER-TCK102 Datasheet
355Kb / 1P
Inductor
Rev. November 30, 2022
logo
Toshiba Semiconductor
TCK102G TOSHIBA-TCK102G Datasheet
318Kb / 12P
1A Load Switch IC with Slew Rate Control Driver
More results


Similar Description - TCK1024G

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
Current Limited Load Switch
2006.09.1.3
AAT4612 AAT-AAT4612 Datasheet
241Kb / 11P
Current Limited Load Switch
2006.09.1.3
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
Current Limited Load Switch
2006.05.1.2
logo
Advanced Analogic Techn...
AAT4610A ANALOGICTECH-AAT4610A_07 Datasheet
191Kb / 11P
Current Limited Load Switch
AAT4612 ANALOGICTECH-AAT4612_06 Datasheet
241Kb / 11P
Current Limited Load Switch
AAT4618 ANALOGICTECH-AAT4618_06 Datasheet
251Kb / 11P
Current Limited Load Switch
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
Current Limited Load Switch
logo
Global Mixed-mode Techn...
G527 GMT-G527 Datasheet
110Kb / 1P
Current Limited Load Switch
G5255 GMT-G5255 Datasheet
75Kb / 1P
Current Limited Load Switch
logo
Toshiba Semiconductor
TCK104G TOSHIBA-TCK104G Datasheet
336Kb / 12P
Load Switch IC with Current Limit function
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com