Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR2EF10 Datasheet (PDF) - Toshiba Semiconductor

TCR2EF10 Datasheet PDF - Toshiba Semiconductor
Part # TCR2EF10
Download  TCR2EF10 Download
File Size   1523.47 Kbytes
Page   17 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 200 mA CMOS Low Dropout Regulator with Fast Load Transient Response

TCR2EF10 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCR2EF10 Datasheet PDF - Toshiba Semiconductor

Part # TCR2EF10
Download  TCR2EF10 Click to download

File Size   1523.47 Kbytes
Page   17 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 200 mA CMOS Low Dropout Regulator with Fast Load Transient Response

TCR2EF10 Datasheet (HTML) - Toshiba Semiconductor


TCR2EF10 Product details

The TCR2EF and TCR2EE series are CMOS single output voltage
regulators with an on/off control input, featuring low dropout voltage, low
output noise voltage and fast load transient response.
These voltage regulators are available in fixed output voltages between 1.0
V and 5.0 V and capable of driving up to 200 mA. They feature overcurrent
protection, an Auto-discharge function.
The TCR2EF and TCR2EE series has a low dropout voltage of 180 mV
(2.5 V output, IOUT = 150 mA) with low output noise voltage of 35 μVrms (2.5
V output) and a load transient response of only ⊿VOUT = ±60 mV (IOUT =
1 mA⇔150 mA, COUT = 1.0 μF).
Thus, the TCR2EF and TCR2EE series are suitable for sensitive power
supply such as Analog and RF applications.

Features
• Low dropout voltage
VDO = 150 mV (typ.) at 3.0 V output, IOUT = 150 mA
VDO = 180 mV (typ.) at 2.5 V output, IOUT = 150 mA
VDO = 230 mV (typ.) at 1.8 V output, IOUT = 150 mA
VDO = 380 mV (typ.) at 1.2 V output, IOUT = 150 mA
VDO = 510 mV (typ.) at 1.0 V output, IOUT = 150 mA
• Low output noise voltage (VNO = 35 μVrms (typ.) at 2.5 V output, IOUT = 10 mA, 10 Hz < f < 100 kHz)
• Fast load transient response (⊿VOUT = ±60 mV (typ.) at IOUT = 1 mA ⇔ 150 mA, COUT =1.0 μF)
• Low quiescent bias current (IB = 35 μA (typ.) at IOUT = 0 mA)
• High ripple rejection ratio (73 dB (typ.) at 2.5 V output, IOUT = 10 mA, f = 1 kHz)
• Wide range output voltage line up (VOUT = 1.0 to 5.0 V)
• High VOUT accuracy ±1.0 % (1.8 V ≤ VOUT)
• Overcurrent protection
• Auto-discharge
• Pull down connection between CONTROL and GND
• Ceramic capacitors can be used (CIN = 0.1 μF, COUT = 1.0 μF)
• Small package ESV (SOT-553) (1.6 mm x 1.6 mm x 0.55 mm)
General package SMV (SOT-25) (2.8 mm x 2.9 mm x 1.1 mm)




Similar Part No. - TCR2EF10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR2EF10 TOSHIBA-TCR2EF10 Datasheet
1Mb / 16P
200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
TCR2EF105 TOSHIBA-TCR2EF105 Datasheet
1Mb / 16P
200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
More results


Similar Description - TCR2EF10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR2EF15 TOSHIBA-TCR2EF15 Datasheet
1Mb / 16P
200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
logo
Texas Instruments
TPS7A03 TI1-TPS7A03 Datasheet
284Kb / 22P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V01 Datasheet
285Kb / 22P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V05 Datasheet
2Mb / 42P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI-TPS7A03_V06 Datasheet
2Mb / 43P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI-TPS7A03_V07 Datasheet
2Mb / 44P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI-TPS7A03_V08 Datasheet
3Mb / 45P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI-TPS7A03_V09 Datasheet
3Mb / 45P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI-TPS7A03_V10 Datasheet
3Mb / 47P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
APRIL 2020
TPS7A03 TI-TPS7A03_V11 Datasheet
3Mb / 48P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
APRIL 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com