Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM91078L Datasheet (PDF) - Bourns Electronic Solutions

SM91078L Datasheet PDF - Bourns Electronic Solutions
Part # SM91078L
Download  SM91078L Download
File Size   715.98 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description LAN Transformer

SM91078L Datasheet (PDF)

Go To PDF Page Download Datasheet
SM91078L Datasheet PDF - Bourns Electronic Solutions

Part # SM91078L
Download  SM91078L Click to download

File Size   715.98 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description LAN Transformer

SM91078L Datasheet (HTML) - Bourns Electronic Solutions


SM91078L Product details

Features
- 100Base-Tx Ethernet
- Working voltage up to 1500 VDC
- Hi-Pot: 4000 VAC
- Design construction: Basic insulation per IEC 62368-1
- Creepage distance 8 mm minimum, pollution degree 2, material group CTI I
- Clearance distance 8 mm minimum, Overvoltage Category III, up to 4 km sea level
- RoHS compliant




Similar Part No. - SM91078L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SM91071AL BOURNS-SM91071AL Datasheet
487Kb / 4P
10/100 Base-T Transformer
SM91071AL-E BOURNS-SM91071AL-E Datasheet
487Kb / 4P
10/100 Base-T Transformer
SM91072AL BOURNS-SM91072AL Datasheet
500Kb / 4P
10/100 Base-T Transformer
SM91072AL-E BOURNS-SM91072AL-E Datasheet
500Kb / 4P
10/100 Base-T Transformer
SM91073AL BOURNS-SM91073AL Datasheet
489Kb / 4P
10/100 Base-T Transformer
More results


Similar Description - SM91078L

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
749010012 WURTH-749010012 Datasheet
169Kb / 3P
LAN-Transformer WE-LAN
749023010A WURTH-749023010A Datasheet
373Kb / 3P
LAN-Transformer WE-LAN
7490100110A WURTH-7490100110A Datasheet
260Kb / 3P
LAN-Transformer WE-LAN
7490100111A WURTH-7490100111A Datasheet
503Kb / 4P
LAN-Transformer WE-LAN
749020100A WURTH-749020100A Datasheet
221Kb / 3P
LAN-Transformer WE-LAN
749020111A WURTH-749020111A Datasheet
277Kb / 3P
LAN-Transformer WE-LAN
2016-02-16 Version 03
749020022A WURTH-749020022A Datasheet
300Kb / 3P
LAN-Transformer WE-LAN
2016-09-26 Revision 03
749010012A WURTH-749010012A Datasheet
278Kb / 3P
LAN-Transformer WE-LAN
2015-01-26
749020112B WURTH-749020112B Datasheet
357Kb / 3P
LAN-Transformer WE-LAN
2017-05-24 Revision 01
7490220120 WURTH-7490220120_V01 Datasheet
209Kb / 3P
LAN-Transformer WE-LAN
2018-09-10
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com