Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C.FL Datasheet (PDF) - Hirose Electric

C.FL Datasheet PDF - Hirose Electric
Part # C.FL
Download  C.FL Download
File Size   332.08 Kbytes
Page   8 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 0.92mm mated height Low Height and Light Weight Miniature Coaxial Connectors Supporting up to 30GHz

C.FL Datasheet (PDF)

Go To PDF Page Download Datasheet
C.FL Datasheet PDF - Hirose Electric

Part # C.FL
Download  C.FL Click to download

File Size   332.08 Kbytes
Page   8 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 0.92mm mated height Low Height and Light Weight Miniature Coaxial Connectors Supporting up to 30GHz

C.FL Datasheet (HTML) - Hirose Electric


C.FL Product details

Features
1. Supports up to 30GHz
High frequency performance from DC to 30GHz. Suitable for the 28GHz band expected to be used in 5G
communications.
2. Mated Height of 0.92mm (1.0mm Max.)
Receptacle mounting area is only 3.4mm2
. Using the right-angle plug enables a mated height of 0.92mm,
achieving the world's lowest class profile of coaxial connectors. (Fig.1)
3. Ultra lightweight
The world's smallest and lightest class of coaxial connectors.
Receptacle : 3.3mg
Right angle plug : 14.1mg
4. Automatic Board Placement
The embossed packaging allows for the receptacles to be automatically placed.
5. 50Ω Ultra-fine coaxial (fluorinated resin insulated) cables
Ultra-fine coaxial cables with a finished outer diameter of Ø0.64mm (single shield) allow for connection in
small, confined spaces with smooth and easy operation.
6. Tactile Lock
Clear tactile lock on small connector enables reliable mating.
7. Simple Connector Mating and Unmating
Dedicated Insertion and Extraction tools to enable proper mating/unmating.





Similar Description - C.FL

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1 Datasheet
386Kb / 6P
Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
Hirose Electric
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
logo
PETERMANN-TECHNIK
SMD01612 PETERMANN-SMD01612_15 Datasheet
660Kb / 4P
Ultra miniature size and light weight
logo
Hirose Electric
W-FL HIROSE-W-FL Datasheet
417Kb / 6P
Ultra Small Surface Mount Coaxial Connectors ??1.4mm Mated Height
W-FL2 HIROSE-W-FL2 Datasheet
190Kb / 6P
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
N-FL HIROSE-N-FL Datasheet
227Kb / 6P
Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
W.FL2 HIROSE-W.FL2_17 Datasheet
347Kb / 8P
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
N.FL HIROSE-N.FL Datasheet
265Kb / 6P
Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com