Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM34 Datasheet (PDF) - STMicroelectronics

STPM34 Datasheet PDF - STMicroelectronics
Part # STPM34
Download  STPM34 Download
File Size   4089.95 Kbytes
Page   121 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA

STPM34 Datasheet (PDF)

Go To PDF Page Download Datasheet
STPM34 Datasheet PDF - STMicroelectronics

Part # STPM34
Download  STPM34 Click to download

File Size   4089.95 Kbytes
Page   121 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA

STPM34 Datasheet (HTML) - STMicroelectronics


STPM34 Product details

Features
 Active power accuracy:
– < 0.1% error over 5000: 1 dynamic range
– < 0.5% error over 10000: 1 dynamic range
 Exceeds 50-60 Hz EN 50470-x, IEC 62053-2x,
ANSI12.2x standard requirements for AC watt
meters
 Reactive power accuracy:
– < 0.1% error over 2000:1 dynamic range
 Dual mode apparent energy calculation
 Instantaneous and averaged power
 RMS and instantaneous voltage and current
 Under and overvoltage detection (sag and
swell) and monitoring
 Overcurrent detection and monitoring
 UART and SPI serial interface with
programmable CRC polynomial verification
 Programmable LED and interrupt outputs
 Four independent 24-bit 2nd order sigma-delta
ADCs
 Two programmable gain chopper stabilized
low-noise and low-offset amplifiers
 Bandwidth 3.6 kHz at -3 dB
 Vcc supply range 3.3 V ± 10%
 Supply current Icc 4.3 mA (STPM32)
 Input clock frequency 16 MHz, Xtal or external
source
 Twin precision voltage reference: 1.18 V with
independent programmable TC, 30 ppm/°C
typ.
 Internal low drop regulator at 3 V (typ.)
 QFN packages
 Operating temperature from -40 °C to +105 °C

Description
The STPM3x is an ASSP family designed for high
accuracy measurement of power and energies in
power line systems using the Rogowski coil,
current transformer or shunt current sensors. The
STPM3x provides instantaneous voltage and
current waveforms and calculates RMS values of
voltage and currents, active, reactive and
apparent power and energies. The STPM3x is a
mixed signal IC family consisting of an analog and
a digital section. The analog section consists of
up to two programmable gain low-noise low-offset
amplifiers and up to four 2nd order 24-bit sigmadelta
ADCs, two bandgap voltage references with
independent temperature compensation, a low
drop voltage regulator and DC buffers. The digital
section consists of digital filtering stage, a
hardwired DSP, DFE to the input and a serial
communication interface (UART or SPI). The
STPM3x is fully configurable and allows a fast
digital system calibration in a single point over the
entire current dynamic range.




Similar Part No. - STPM34

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPM34 STMICROELECTRONICS-STPM34 Datasheet
5Mb / 89P
ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
25-Sep-2023
STPM34TR STMICROELECTRONICS-STPM34TR Datasheet
5Mb / 89P
ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
25-Sep-2023
More results


Similar Description - STPM34

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1204 TI-ADS1204 Datasheet
308Kb / 21P
FOUR 1-BIT, 10MHZ, 2ND-ORDER, DELTA-SIGMA MODULATORS
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
logo
STMicroelectronics
STPMS2H-PUR STMICROELECTRONICS-STPMS2H-PUR Datasheet
2Mb / 33P
Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
11-Oct-2011
STPMS2L-PUR STMICROELECTRONICS-STPMS2L-PUR Datasheet
2Mb / 33P
Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
11-Oct-2011
logo
Texas Instruments
ADS1204 TI1-ADS1204_14 Datasheet
1Mb / 29P
Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1208 TI1-ADS1208_14 Datasheet
426Kb / 25P
2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com