Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFP-10-GD Datasheet (PDF) - List of Unclassifed Manufacturers

SFP-10-GD Datasheet PDF - List of Unclassifed Manufacturers
Part # SFP-10-GD
Download  SFP-10-GD Download
File Size   160.02 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Optical SFP 1G

SFP-10-GD Datasheet (PDF)

Go To PDF Page Download Datasheet
SFP-10-GD Datasheet PDF - List of Unclassifed Manufacturers

Part # SFP-10-GD
Download  SFP-10-GD Click to download

File Size   160.02 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Optical SFP 1G

SFP-10-GD Datasheet (HTML) - List of Unclassifed Manufacturers


SFP-10-GD Product details

Integra manufactures the highest quality SFP transceivers in the industry, designed to be 100% interoperable
with all OEM platforms. We’re the first optics manufacturer in the Western Hemisphere to invest in highspeed
robots, allowing us to scale our operations to handle virtually any order, large or small, and ensure
every transceiver is correctly coded and tested 100% of the time.

Features
Operating Data Rate up to 1.25Gbps
Distance Ranging from 300m to 160km
MMF or SMF Duplex LC Connector Interface
Commercial, Extended & Industrial
Temperatures Available
Digital Diagnostics Monitoring
SFP MSA Compliant

Applications
1000Base-SX, 1000Base-LX, 1000Base-EX, 1000Base-ZX, 1000Base-EZX
Metro-Ethernet, Data Center, and Enterprise Networks
Fibre Channel and CPRI
Extended ZX Optical Links




Similar Part No. - SFP-10-GD

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
SFP-100-LC-MM-C ATGBICS-SFP-100-LC-MM-C Datasheet
340Kb / 10P
SFP-100-LC-MM Alcatel Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
SFP-100-LC-SM15-C ATGBICS-SFP-100-LC-SM15-C Datasheet
294Kb / 8P
SFP-100-LC-SM15 Alcatel Compatible Transceiver SFP 100Base-LX (1310nm, SMF, 10km, DOM)
SFP-1000BASET-C ATGBICS-SFP-1000BASET-C Datasheet
195Kb / 7P
SFP-1000BaseT Huawei Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-1000LX-C ATGBICS-SFP-1000LX-C Datasheet
322Kb / 9P
SFP-1000LX NetScout Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-1000SX-C ATGBICS-SFP-1000SX-C Datasheet
293Kb / 8P
SFP-1000SX NetScout Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
More results


Similar Description - SFP-10-GD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSP-1G010 ETC2-PSP-1G010 Datasheet
315Kb / 8P
SFP Optical Transceivers
logo
Source Photonics, Inc.
FTM-3127C-SL2G SOURCE-FTM-3127C-SL2G Datasheet
282Kb / 10P
1G節?.5Gbps Spring-latch SFP Transceiver
logo
Finisar Corporation.
FTLX8574D3BCV FINISAR-FTLX8574D3BCV Datasheet
792Kb / 13P
1G/10G 850nmMultimode Datacom SFP Transceiver
logo
List of Unclassifed Man...
SFP-10G ETC-SFP-10G Datasheet
162Kb / 2P
Optical SFP 10G
logo
PHOENIX CONTACT
1334210 PHOENIX-1334210 Datasheet
780Kb / 22P
Transceiver - FOC-TRX-SFP-1G-SX-IT
1334212 PHOENIX-1334212 Datasheet
416Kb / 11P
Transceiver - FOC-TRX-SFP-1G-LX-ET
1334213 PHOENIX-1334213 Datasheet
416Kb / 11P
Transceiver - FOC-TRX-SFP-1G-LX-IT
logo
ATGBICS by Approved Tec...
AOC-SFP-10G-1M-AT ATGBICS-AOC-SFP-10G-1M-AT Datasheet
471Kb / 6P
Universally Coded MSA 1G/10Gb/s SFP Active Optical Cable, 1m
AOC-SFP-10G-2M-AT ATGBICS-AOC-SFP-10G-2M-AT Datasheet
471Kb / 6P
Universally Coded MSA 1G/10Gb/s SFP Active Optical Cable, 2m
AOC-SFP-10G-3M-AT ATGBICS-AOC-SFP-10G-3M-AT Datasheet
471Kb / 6P
Universally Coded MSA 1G/10Gb/s SFP Active Optical Cable, 3m
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com