Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR3UM Datasheet (PDF) - Toshiba Semiconductor

TCR3UM Datasheet PDF - Toshiba Semiconductor
Part # TCR3UM
Download  TCR3UM Download
File Size   846.25 Kbytes
Page   17 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package

TCR3UM Datasheet (PDF)

Go To PDF Page Download Datasheet
TCR3UM Datasheet PDF - Toshiba Semiconductor

Part # TCR3UM
Download  TCR3UM Click to download

File Size   846.25 Kbytes
Page   17 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package

TCR3UM Datasheet (HTML) - Toshiba Semiconductor


TCR3UM Product details

1. Description
The TCR3UM series are CMOS general-purpose single-output voltage
regulators with an on/off control input, featuring ultra low quiescent bias
current and low dropout voltage.
These voltage regulators are available in fixed output voltages between 0.8
V and 5.0 V and capable of driving up to 300 mA. They feature Over-current
protection, Thermal Shutdown function and Auto-discharge.
The TCR3UM series is offered in the ultra small plastic mold package
DFN4/DFN4E (1.0 mm x 1.0 mm; t 0.60 mm (max)) and has a low dropout
voltage of 196 mV (3.3 V output, IOUT = 300 mA). As small ceramic input and
output capacitors 1 μF can be used with the TCR3UM series, these devices
are ideal for portable applications that require high-density board assembly
such as cellular phones, IoT equipment and wearable devices.

2. Applications
Power IC developed for portable applications, IoT equipment and wearable devices

3. Features
• Ultra small package DFN4/DFN4E (1.0 mm x 1.0 mm; t 0.60 mm (max)).
• Low quiescent bias current ( IB = 0.34 μA (typ.) at IOUT = 0 mA, output voltage up to 1.5 V)
• High Ripple rejection ratio 70 dB (typ.) at 0.8 V-output
• Fast Load transient response -51/+36 mV at 0.8 V-output, IOUT = 1 mA ⇔ 50 mA
• Low Dropout voltage
VDO = 196 mV (typ.) at 3.3 V-output, IOUT = 300 mA
• Wide range output voltage line up (VOUT = 0.8 to 5.0 V)
• High VOUT accuracy ± 1.0 % (1.8 V ≤ VOUT)
• Overcurrent protection
• Thermal Shutdown function
• Auto-discharge
• Inrush current protection circuit
• Pull down connection between CONTROL and GND
• Ceramic capacitors can be used (CIN = 1 μF, COUT = 1 μF)




Similar Part No. - TCR3UM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR3UG TOSHIBA-TCR3UG Datasheet
707Kb / 18P
Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package
2022-01-11
TCR3UG085A TOSHIBA-TCR3UG085A Datasheet
707Kb / 18P
Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package
2022-01-11
TCR3UG085B TOSHIBA-TCR3UG085B Datasheet
707Kb / 18P
Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package
2022-01-11
TCR3UG08A TOSHIBA-TCR3UG08A Datasheet
707Kb / 18P
Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package
2022-01-11
TCR3UG08B TOSHIBA-TCR3UG08B Datasheet
707Kb / 18P
Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package
2022-01-11
More results


Similar Description - TCR3UM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
logo
Diodes Incorporated
AP7362 DIODES-AP7362 Datasheet
285Kb / 13P
1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
Rev 2
AP7363 DIODES-AP7363 Datasheet
299Kb / 14P
1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
Rev 2
logo
Texas Instruments
LP3981 TI1-LP3981_16 Datasheet
1Mb / 25P
Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCP4681 ONSEMI-NCP4681 Datasheet
340Kb / 18P
Ultra Low Quiescent Current, Low Dropout Regulator
September, 2013 ??Rev. 3
logo
Analog Devices
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
logo
Toshiba Semiconductor
TCR3UG TOSHIBA-TCR3UG Datasheet
707Kb / 18P
Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package
2022-01-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com