Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNA-7 Datasheet (PDF) - Mini-Circuits

MNA-7 Datasheet PDF - Mini-Circuits
Part # MNA-7
Download  MNA-7 Download
File Size   196.19 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Monolithic Amplifier

MNA-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
MNA-7 Datasheet PDF - Mini-Circuits

Part # MNA-7
Download  MNA-7 Click to download

File Size   196.19 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Monolithic Amplifier

MNA-7 Datasheet (HTML) - Mini-Circuits


MNA-7 Product details

Product Features
• 2.8V & 5V operation
• Micro-miniature size .120”X.120”
• Internal DC blocking at RF input and output
• High directivity, 20-24 dB typ.
• Wide bandwidth, 1.5 to 5.9 GHz
• Low noise figure
• Output power, up to +15.9 dBm typ.
• Excellent repeatability
• Low cost
• Aqueous washable

Typical Applications
• Buffer amplifier
• WiMax
• PCN
• Wi-Fi
• Defense




Similar Part No. - MNA-7

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MNA-7 MINI-MNA-7 Datasheet
212Kb / 8P
Monolithic Amplifiers High Directivity, 50?? 0.5 to 5.9 GHz
MNA-7A MINI-MNA-7A Datasheet
303Kb / 5P
Monolithic Amplifier
MNA-7A-D MINI-MNA-7A-D Datasheet
332Kb / 7P
Monolithic Amplifier Die
MNA-7A-D+ MINI-MNA-7A-D+ Datasheet
332Kb / 7P
Monolithic Amplifier Die
MNA-7A-DF+ MINI-MNA-7A-DF+ Datasheet
332Kb / 7P
Monolithic Amplifier Die
More results


Similar Description - MNA-7

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CMA-62 MINI-CMA-62 Datasheet
420Kb / 5P
Monolithic Amplifier
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
Monolithic Amplifier
LVA-123 MINI-LVA-123 Datasheet
291Kb / 5P
Monolithic Amplifier
MNA-4W MINI-MNA-4W Datasheet
277Kb / 5P
Monolithic Amplifier
MNA-6A MINI-MNA-6A Datasheet
275Kb / 5P
Monolithic Amplifier
MNA-6W MINI-MNA-6W Datasheet
276Kb / 5P
Monolithic Amplifier
PGA-105 MINI-PGA-105 Datasheet
389Kb / 5P
Monolithic Amplifier
PMA2-43LN MINI-PMA2-43LN Datasheet
305Kb / 6P
Monolithic Amplifier
PMA3-83LN MINI-PMA3-83LN Datasheet
244Kb / 5P
Monolithic Amplifier
PMA-5455 MINI-PMA-5455_15 Datasheet
399Kb / 6P
Monolithic Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com