Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROS-1900V Datasheet (PDF) - Mini-Circuits

ROS-1900V Datasheet PDF - Mini-Circuits
Part # ROS-1900V
Download  ROS-1900V Download
File Size   290.82 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Voltage Controlled Oscillator

ROS-1900V Datasheet (PDF)

Go To PDF Page Download Datasheet
ROS-1900V Datasheet PDF - Mini-Circuits

Part # ROS-1900V
Download  ROS-1900V Click to download

File Size   290.82 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Voltage Controlled Oscillator

ROS-1900V Datasheet (HTML) - Mini-Circuits


ROS-1900V Product details

Features
• wide frequency range, 1450 to 1900 MHz
• low phase noise, -104 dBc/Hz at 10 kHz offset, typ.
• wide modulation bandwidth, 100 MHz typ.
• linear tuning, 22-34 MHz/V typ.
• 5V power supply
• aqueous washable
• protected by US patent 6,549,084

Applications
• instrumentation
• PCN




Similar Part No. - ROS-1900V

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ROS-1900 MINI-ROS-1900 Datasheet
180Kb / 2P
Voltage Controlled Oscillator
ROS-1900+ MINI-ROS-1900+ Datasheet
180Kb / 2P
Voltage Controlled Oscillator
ROS-1900-919 MINI-ROS-1900-919 Datasheet
227Kb / 2P
Voltage Controlled Oscillator
REV. C
ROS-1900-919+ MINI-ROS-1900-919+ Datasheet
227Kb / 2P
Voltage Controlled Oscillator
REV. C
More results


Similar Description - ROS-1900V

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
CLV0436A-LF ZCOMM-CLV0436A-LF Datasheet
71Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0698A-LF ZCOMM-CLV0698A-LF Datasheet
68Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0787E-LF ZCOMM-CLV0787E-LF Datasheet
46Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0815E-LF ZCOMM-CLV0815E-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0945A-LF ZCOMM-CLV0945A-LF Datasheet
67Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV1052M-LF ZCOMM-CLV1052M-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com