Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBL-1 Datasheet (PDF) - Mini-Circuits

SBL-1 Datasheet PDF - Mini-Circuits
Part # SBL-1
Download  SBL-1 Download
File Size   230.3 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Frequency Mixer

SBL-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBL-1 Datasheet PDF - Mini-Circuits

Part # SBL-1
Download  SBL-1 Click to download

File Size   230.3 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Frequency Mixer

SBL-1 Datasheet (HTML) - Mini-Circuits


SBL-1 Product details

Features
• excellent conversion loss, 5.6 dB typ.
• high L-R isolation, 45 dB typ. L-I isolation, 40 dB typ.
• rugged welded construction

Applications
• VHF
• defense & federal communications




Similar Part No. - SBL-1

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SBL-1 MINI-SBL-1 Datasheet
141Kb / 2P
FREQUENCY MIXERS
SBL-1 MINI-SBL-1 Datasheet
268Kb / 2P
Frequency Mixers
SBL-1-1 MINI-SBL-1-1 Datasheet
219Kb / 2P
Frequency Mixer
SBL-1-1+ MINI-SBL-1-1+ Datasheet
219Kb / 2P
Frequency Mixer
SBL-1-1LH MINI-SBL-1-1LH Datasheet
74Kb / 2P
FREQUENCY MIXERS
More results


Similar Description - SBL-1

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
VAY-1 MINI-VAY-1 Datasheet
213Kb / 2P
Frequency Mixer
ZAD-11H MINI-ZAD-11H Datasheet
288Kb / 2P
Frequency Mixer
ZFM-3H MINI-ZFM-3H Datasheet
261Kb / 2P
Frequency Mixer
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
Frequency Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com