Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA12 Datasheet (PDF) - STMicroelectronics

BTA12 Datasheet PDF - STMicroelectronics
Part # BTA12_V01
Download  BTA12 Download
File Size   236.95 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 12 A Snubberless™, logic level and standard Triacs

BTA12 Datasheet (PDF)

Go To PDF Page Download Datasheet
BTA12 Datasheet PDF - STMicroelectronics

Part # BTA12_V01
Download  BTA12 Click to download

File Size   236.95 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 12 A Snubberless™, logic level and standard Triacs

BTA12 Datasheet (HTML) - STMicroelectronics


BTA12 Product details

Features
• Medium current Triac
• Low thermal resistance with clip bonding
• Low thermal resistance insulation ceramic for insulated BTA
• High commutation (4Q) or very high commutation (3Q) capability
• BTA series UL1557 certified (file ref: 81734)
• Packages are RoHS (2011/65/EU) compliant

Description
Available either in through-hole or surface mount packages, the BTA12, BTB12 and
T12xx Triac series are suitable for general purpose mains power AC switching. They
can be used as ON/OFF function in applications such as static relays, heating
regulation or induction motor starting circuit. They are also recommended for phase
control operations in light dimmers and appliance motors speed controllers.
The Snubberless™ versions (W suffix and T12xx) are especially recommended for
use on inductive loads, because of their high commutation performance. By using an
internal ceramic pad, the Snubberless™ series provide an insulated tab (rated at
2500 VRMS) complying with UL standards (file reference: E81734).
Logic Level BTA12-600TW and BTA12-600SW offer low holding current, ideal to
design light dimmers for LED lamps.




Similar Part No. - BTA12_V01

ManufacturerPart #DatasheetDescription
logo
Bellnix Co.,Ltd.
BTA12-03S40D BELLNIX-BTA12-03S40D Datasheet
174Kb / 14P
The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
BTA12-03S40S BELLNIX-BTA12-03S40S Datasheet
174Kb / 14P
The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
BTA12-05S30D BELLNIX-BTA12-05S30D Datasheet
174Kb / 14P
The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
BTA12-05S30S BELLNIX-BTA12-05S30S Datasheet
174Kb / 14P
The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
BTA12-12S12D BELLNIX-BTA12-12S12D Datasheet
174Kb / 14P
The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
More results


Similar Description - BTA12_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA12 STMICROELECTRONICS-BTA12_07 Datasheet
138Kb / 12P
12 A Snubberless, logic level and standard triacs
28-Sep-2007
BTA12-700BRG STMICROELECTRONICS-BTA12-700BRG Datasheet
140Kb / 12P
12 A Snubberless™ logic level and standard triacs
28-Sep-2007
T1210T-6I STMICROELECTRONICS-T1210T-6I Datasheet
152Kb / 9P
Entry level Snubberless™, logic level and standard 12 A TRIACs
23-Mar-2009
T1205-600G STMICROELECTRONICS-T1205-600G Datasheet
140Kb / 12P
12 A Snubberless™ logic level and standard triacs
September 2007 Rev 9
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
12 A Snubberless?? logic level and standard triacs
28-Sep-2007
T1220T-6I STMICROELECTRONICS-T1220T-6I Datasheet
152Kb / 9P
Snubberless, logic level and standard 12 A Triacs
18-Jan-2010
logo
New Jersey Semi-Conduct...
BTA12 NJSEMI-BTA12 Datasheet
185Kb / 5P
12 A Snubberless?? logic level and standard triacs
logo
STMicroelectronics
T1235-600R STMICROELECTRONICS-T1235-600R Datasheet
140Kb / 12P
12 A Snubberless?? logic level and standard triacs
28-Sep-2007
T12T STMICROELECTRONICS-T12T Datasheet
193Kb / 8P
Snubberless™ logic level and standard 12 A Triacs
16-Sep-2013
BTA08 STMICROELECTRONICS-BTA08_V01 Datasheet
274Kb / 21P
Snubberless™, logic level and standard 8 A Triacs
09-Aug-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com