Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH240F04 Datasheet (PDF) - STMicroelectronics

STTH240F04 Datasheet PDF - STMicroelectronics
Part # STTH240F04
Download  STTH240F04 Download
File Size   305.83 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultrafast high voltage rectifier

STTH240F04 Datasheet (PDF)

Go To PDF Page Download Datasheet
STTH240F04 Datasheet PDF - STMicroelectronics

Part # STTH240F04
Download  STTH240F04 Click to download

File Size   305.83 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultrafast high voltage rectifier

STTH240F04 Datasheet (HTML) - STMicroelectronics


STTH240F04 Product details

Features
• Ultrafast switching
• Low reverse current
• Low thermal resistance
• Reduces switching and conduction losses
• Package insulation voltage:
– Terminal to case: 2500 VAC during 1 minute
at TC = 125 °C
– Diode to diode: 1500 VDC during 1 minute
at TC = 125 °C
• ECOPACK® 2 compliant component

Description
The STTH240F04 uses ST’s 400 V planar
technology. The STTH240F04 is especially suited
for switching welding equipments.
The device, housed in ISOTOP package, has in
the meantime a low thermal resistance, and a
high electrical isolation, which make it particularly
efficient in high power converters requiring to be
safe for the end user.




Similar Part No. - STTH240F04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH20002TV STMICROELECTRONICS-STTH20002TV Datasheet
104Kb / 5P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
13-Jul-2004
STTH20002TV1 STMICROELECTRONICS-STTH20002TV1 Datasheet
104Kb / 5P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
13-Jul-2004
logo
Inchange Semiconductor ...
STTH20003 ISC-STTH20003 Datasheet
553Kb / 3P
Ultrafast Recovery Diode
logo
STMicroelectronics
STTH20003 STMICROELECTRONICS-STTH20003 Datasheet
189Kb / 10P
300 V ultrafast high voltage rectifier
07-Jun-2018
STTH20003TV STMICROELECTRONICS-STTH20003TV Datasheet
132Kb / 7P
HIGH FREQUENCY SECONDARY RECTIFIER
05-Sep-2006
More results


Similar Description - STTH240F04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH112 STMICROELECTRONICS-STTH112 Datasheet
60Kb / 6P
HIGH VOLTAGE ULTRAFAST RECTIFIER
Jan-2003
STTH112 STMICROELECTRONICS-STTH112_07 Datasheet
88Kb / 7P
High voltage ultrafast rectifier
20-Mar-2007
STTH310 STMICROELECTRONICS-STTH310_07 Datasheet
85Kb / 7P
High voltage ultrafast rectifier
03-Apr-2007
logo
Vishay Siliconix
UG5JT VISHAY-UG5JT_07 Datasheet
143Kb / 5P
High Voltage Ultrafast Rectifier
09-Nov-07
UG8HT VISHAY-UG8HT Datasheet
144Kb / 5P
High Voltage Ultrafast Rectifier
12-Nov-07
UH10JT VISHAY-UH10JT Datasheet
130Kb / 5P
High Voltage Ultrafast Rectifier
25-Aug-08
UGF8XT VISHAY-UGF8XT Datasheet
133Kb / 5P
High Voltage Ultrafast Rectifier
21-Aug-13
UGFB5HT VISHAY-UGFB5HT Datasheet
134Kb / 5P
High Voltage Ultrafast Rectifier
09-Nov-07
UH5JT VISHAY-UH5JT_V01 Datasheet
120Kb / 4P
High Voltage Ultrafast Rectifier
07-Dec-12
UH8JT VISHAY-UH8JT_V01 Datasheet
129Kb / 5P
High Voltage Ultrafast Rectifier
13-May-08
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com