Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCD-016N002P Datasheet (PDF) - Vishay Siliconix

LCD-016N002P Datasheet PDF - Vishay Siliconix
Part # LCD-016N002P
Download  LCD-016N002P Download
File Size   74.41 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 16 x 2 Character LCD

LCD-016N002P Datasheet (PDF)

Go To PDF Page Download Datasheet
LCD-016N002P Datasheet PDF - Vishay Siliconix

Part # LCD-016N002P
Download  LCD-016N002P Click to download

File Size   74.41 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 16 x 2 Character LCD

LCD-016N002P Datasheet (HTML) - Vishay Siliconix


LCD-016N002P Product details

FEATURES
• Type: Character
• Display format: 16 x 2 characters
• Built-in controller: ST 7066 (or equivalent)
• Duty cycle: 1/16
• 5 x 8 dots includes cursor
• + 5 V power supply
• Optional: Smaller character size (2.95 mm x 4.35 mm)
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - LCD-016N002P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-016N002P VISHAY-LCD-016N002P Datasheet
77Kb / 3P
16 x 2 Character LCD
05-Oct-12
LCD-016N002P VISHAY-LCD-016N002P Datasheet
74Kb / 3P
16 x 2 Character LCD
05-Oct-12
LCD-016N002P VISHAY-LCD-016N002P_V02 Datasheet
74Kb / 3P
16 x 2 Character LCD
05-Oct-12
More results


Similar Description - LCD-016N002P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-016M002C VISHAY-LCD-016M002C Datasheet
116Kb / 3P
16 x 2 Character LCD
01-Oct-02
LCD-016N002D VISHAY-LCD-016N002D Datasheet
76Kb / 3P
16 x 2 Character LCD
29-Oct-08
LCD-016N002J VISHAY-LCD-016N002J Datasheet
72Kb / 3P
16 x 2 Character LCD
22-Jun-17
LCD-016N002L1 VISHAY-LCD-016N002L1 Datasheet
77Kb / 3P
16 x 2 Character LCD
02-Oct-12
LCD-016N002M VISHAY-LCD-016N002M Datasheet
84Kb / 3P
16 x 2 Character LCD
05-Oct-12
LCD-016N002S VISHAY-LCD-016N002S Datasheet
68Kb / 3P
16 x 2 Character LCD
05-Oct-12
LCD-016N002T VISHAY-LCD-016N002T Datasheet
70Kb / 3P
16 x 2 Character LCD
05-Oct-12
LCD-016N002O VISHAY-LCD-016N002O_V01 Datasheet
75Kb / 3P
16 x 2 Character LCD
05-Oct-12
LCD-016N002L1 VISHAY-LCD-016N002L1_V02 Datasheet
66Kb / 3P
16 x 2 Character LCD
25-Apr-12
LCD-016N002C VISHAY-LCD-016N002C_V02 Datasheet
75Kb / 3P
16 x 2 Character LCD
29-Oct-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com