Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T3902 Datasheet (PDF) - TDK Electronics

T3902 Datasheet PDF - TDK Electronics
Part # T3902
Download  T3902 Download
File Size   440.11 Kbytes
Page   22 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Bottom Port PDM Low‐Power Multi‐Mode Microphone With High AOP Mode

T3902 Datasheet (PDF)

Go To PDF Page Download Datasheet
T3902 Datasheet PDF - TDK Electronics

Part # T3902
Download  T3902 Click to download

File Size   440.11 Kbytes
Page   22 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Bottom Port PDM Low‐Power Multi‐Mode Microphone With High AOP Mode

T3902 Datasheet (HTML) - TDK Electronics


T3902 Product details

GENERAL DESCRIPTION
The T3902 is a low‐power, low‐noise digital MEMS
microphone in a small package. The T3902 consists of a
MEMS microphone element and an impedance converter
amplifier followed by a fourth‐order Σ‐Δ modulator. The pulse
density modulated (PDM) interface allows two microphones
to be time multiplexed on a data line using a single clock.
The T3902 has multiple modes of operation: High
Performance, Low Power (AlwaysOn), Standard and Sleep.
The T3902 has low power and high SNR in all operational
modes. It has 126 dB SPL AOP in High Performance mode, and
120 dB SPL AOP in Standard and Low‐Power modes.
The T3902 is available in a small 3.5 × 2.65 × 0.98 mm
surface‐mount package. It is reflow solder compatible with
no sensitivity degradation.

FEATURES
 3.5 × 2.65 × 0.98 mm surface‐mount package
 Low power: 185 μA in Low‐Power Mode
 Extended frequency response from 36 Hz to >20 kHz
 Sleep Mode: 12 μA
 High power supply rejection (PSR): −97 dB FS
 Fourth‐order Σ‐Δ modulator
 Digital pulse density modulation (PDM) output
 Compatible with Sn/Pb and Pb‐free solder processes
 RoHS/WEEE compliant

APPLICATIONS
 Smartphones
 Microphone Arrays
 Tablets
 Cameras
 Bluetooth Headsets
 Notebook PCs
 Security and Surveillance




Similar Part No. - T3902

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
T3900250250-000 TEC-T3900250250-000 Datasheet
248Kb / 4P
2-2350224-3
08/02/2022
T3900250250-000 TEC-T3900250250-000 Datasheet
240Kb / 4P
3-2350224-0
logo
Carl Kammerling Interna...
T39071-1180 CARL-T39071-1180 Datasheet
583Kb / 11P
Redline VDE Pliers
05/02/2015
T39071-3180 CARL-T39071-3180 Datasheet
583Kb / 11P
Redline VDE Pliers
05/02/2015
T39077-180 CARL-T39077-180 Datasheet
583Kb / 11P
Redline VDE Pliers
05/02/2015
More results


Similar Description - T3902

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM7236E CIRRUS-WM7236E Datasheet
737Kb / 14P
Low Power Bottom Port Digital Silicon Microphone
WM7236 CIRRUS-WM7236 Datasheet
739Kb / 14P
Low Power Bottom Port Digital Silicon Microphone
logo
TDK Electronics
ICS-40212 TDK-ICS-40212 Datasheet
312Kb / 16P
Analog Microphone with Low Power Mode
ICS-41350 TDK-ICS-41350 Datasheet
307Kb / 22P
Bottom Port PDM Low?륯ower Multi?륪ode Microphone
ICS-41351 TDK-ICS-41351 Datasheet
499Kb / 23P
Top Port PDM Digital Output Multi-Mode Microphone
ICS-41352 TDK-ICS-41352 Datasheet
531Kb / 22P
Bottom Port PDM Digital Output Multi-Mode Microphone
ICS-51360 TDK-ICS-51360 Datasheet
484Kb / 22P
Bottom Port PDM Digital Output Multi-Mode Microphone
INMP421 TDK-INMP421 Datasheet
504Kb / 21P
Omnidirectional Microphone with Bottom Port and PDM Digital Output
INMP521 TDK-INMP521 Datasheet
466Kb / 20P
Ultra-Low Noise Microphone with Bottom Port and PDM Digital Output
logo
Knowles Electronics
SPM0687LR5H-1 KNOWLES-SPM0687LR5H-1 Datasheet
2Mb / 9P
HIGH SNR, HIGH AOP ANALOG BOTTOM PORT SISONIC MICROPHONE
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com