Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER2D Datasheet (PDF) - Pan Jit International Inc.

ER2D Datasheet PDF - Pan Jit International Inc.
Part # ER2D
Download  ER2D Download
File Size   64.03 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Amperes)

ER2D Datasheet (PDF)

Go To PDF Page Download Datasheet
ER2D Datasheet PDF - Pan Jit International Inc.

Part # ER2D
Download  ER2D Click to download

File Size   64.03 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Amperes)

ER2D Datasheet (HTML) - Pan Jit International Inc.


ER2D Product details

VOLTAGE 50 to 600 Volt CURRENT 2 Ampere

FEATURES
• For surface mounted applications in order to optimize board space
• High temperature metallurgically bonded-no compression
   contacts as found in other diode-constructed rectifiers
• Glass passivated junction
• Easy pick and place
• Plastic package has Underwriters Laboratory Flammability
   Classification 94V-O
• Lead free in compliance with EU RoHS 2.0
• Green molding compound as per IEC 61249 standard

MECHANICAL DATA
• Case: JEDEC DO-214AA molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: Color band denotes cathode end
• Standard packaging: 16mm tape (EIA-481)
• Weight: 0.0032 ounces, 0.092 grams




Similar Part No. - ER2D

ManufacturerPart #DatasheetDescription
logo
Surge Components
ER2D SURGE-ER2D Datasheet
84Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 2.0 Amperes
logo
Transys Electronics
ER2D TRSYS-ER2D Datasheet
162Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Dc Components
ER2D DCCOM-ER2D Datasheet
534Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
logo
Micro Commercial Compon...
ER2D MCC-ER2D Datasheet
902Kb / 3P
2 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
ER2D DIOTEC-ER2D Datasheet
164Kb / 2P
Superfast Switching Surface Mount Si-Rectifiers
More results


Similar Description - ER2D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER200 PANJIT-ER200 Datasheet
67Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Amperes)
ER3A PANJIT-ER3A Datasheet
50Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 600 Volts CURRENT - 3.0 Amperes)
S2A PANJIT-S2A Datasheet
58Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
ER2A SURGE-ER2A Datasheet
84Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 2.0 Amperes
ER3A SURGE-ER3A Datasheet
86Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 3.0 Amperes?
ES1A SURGE-ES1A Datasheet
83Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 1.0 Amperes?
logo
DAESAN ELECTRONIC CORP.
SF21 DAESAN-SF21 Datasheet
315Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 600 Volts
logo
Yea Shin Technology Co....
E2A YEASHIN-E2A Datasheet
138Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
ER2A YEASHIN-ER2A Datasheet
44Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFI ER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
ES2A YEASHIN-ES2A Datasheet
472Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com