Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1102107 Datasheet (PDF) - PHOENIX CONTACT

1102107 Datasheet PDF - PHOENIX CONTACT
Part # 1102107
Download  1102107 Download
File Size   235.7 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Printed-circuit board connector - ICC20-PPC1,5/4-3,5-AA-7035

1102107 Datasheet (PDF)

Go To PDF Page Download Datasheet
1102107 Datasheet PDF - PHOENIX CONTACT

Part # 1102107
Download  1102107 Click to download

File Size   235.7 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Printed-circuit board connector - ICC20-PPC1,5/4-3,5-AA-7035

1102107 Datasheet (HTML) - PHOENIX CONTACT


1102107 Product details

PCB connector, nominal cross section: 1.5 mm2, color: light grey, nominal current: 8 A, rated
voltage (III/2): 150 V, contact surface: Tin, type of contact: Female connector, number of
potentials: 4, number of rows: 1, number of positions: 4, number of connections: 4, product
range: ICC..-PPC1,5/..-3,5, pitch: 3.5 mm, connection method: Push-in spring connection,
conductor/PCB connection direction: 0 °, number of solder pins per potential: 1, locking clip: -
Locking clip, locking: without, mounting: without, type of packaging: packed in cardboard, Color
of the spring lever: orange

Your advantages
• Time saving push-in connection, tools not required
• Variable coding, for reliable protection against incorrect connection
• Push-in technology for quick and easy wiring
• Quick and easily coded when initially connecting the connector and header
• Intuitive use through colour coded actuation lever
• High packing density with 3.5 mm pitch




Similar Part No. - 1102107

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
110210 ANAREN-110210 Datasheet
292Kb / 2P
EW Products Power Detectors
logo
PHOENIX CONTACT
1102108 PHOENIX-1102108 Datasheet
237Kb / 10P
Printed-circuit board connector - ICC25-PPC1,5/5-3,5-AA-7035
Nov 16, 2022
More results


Similar Description - 1102107

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1738827 PHOENIX-1738827 Datasheet
124Kb / 7P
Printed-circuit board connector - FMCD 1,5/ 4-ST-3,5
1790124 PHOENIX-1790124 Datasheet
88Kb / 4P
Printed-circuit board connector - DFMC 1,5/ 4-ST-3,5
1790315 PHOENIX-1790315 Datasheet
111Kb / 5P
Printed-circuit board connector - DFMC 1,5/ 4-STF-3,5
1844002 PHOENIX-1844002 Datasheet
140Kb / 10P
Printed-circuit board connector - IFMC 1,5/ 4-ST-3,5
1772728 PHOENIX-1772728 Datasheet
90Kb / 4P
Printed-circuit board connector - TFMC 1,5/ 4-STF-3,5
1084024 PHOENIX-1084024 Datasheet
63Kb / 3P
Printed-circuit board connector - ICC25-PSC1,5/5-3,5-AA-7035
09/12/2020
1084027 PHOENIX-1084027 Datasheet
64Kb / 3P
Printed-circuit board connector - ICC25-PSC2,5/4-5,0-AA-7035
09/12/2020
1084034 PHOENIX-1084034 Datasheet
99Kb / 6P
Printed-circuit board connector - ICC25-PPC2,5/4-5,0-AA-7035
09/12/2020
1102108 PHOENIX-1102108 Datasheet
237Kb / 10P
Printed-circuit board connector - ICC25-PPC1,5/5-3,5-AA-7035
Nov 16, 2022
1772634 PHOENIX-1772634 Datasheet
829Kb / 16P
Printed-circuit board connector - TFMC 1,5/ 4-ST-3,5
Jan 3, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com